Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2242AR2C Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # TMC2242AR2C
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242AR2C Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  TMC2242AR2C Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242AR2C Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PRODUCT SPECIFICATION
TMC2242A/TMC2242B
2
The filter response is flat to within
±0.01 dB from 0.00 to
0.22 x fs, with stopband attenuation greater than 59.4 dB
from 0.28 x fs to the Nyquist frequency. The response is 6 dB
down at 0.25 x fs. Symmetric-coefficient filters such as the
TMC2242A and TMC2242B have linear phase response.
Full compliance with the CCIR-601 standard of 12 dB atten-
uation at 0.25 x fs is achieved by cascading two parts.
The TMC2242A and TMC2242B are fabricated on an
advanced submicron CMOS process. They are available in a
44-lead J-lead PLCC package. Performance is guaranteed
from 0
°C to 70°C.
Functional Description
The TMC2242A and TMC2242B implement a fixed-coeffi-
cient linear-phase Finite Impulse Response (FIR) filter of 55
effective taps, with special rate-matching input and output
structures to facilitate 2:1 decimation and 1:2 interpolation.
The faster of either the input or output registers will operate
at the guaranteed maximum clock rate (speed grade). The
total internal pipeline latency from the input of an impulse to
the corresponding output peak (digital group delay) is 34
cycles; the 55-value output response begins after 7 clock
cycles and ends after 61 cycles.
To perform interpolation, the chip slows the effective input
register clock rate to half the output rate. It internally inserts
zeroes between the incoming data samples to "pad" the input
data rate to match the output rate.
To perform decimation, the chip sets the output register
clock rate to half of the input rate. One output is then
obtained for every two inputs.
For interpolation, the user should bring SYNC HIGH for at
least one clock cycle, returning it LOW with the first desired
input data value. When interpolating, the chip will then con-
tinue to accept a new data input on each alternate rising edge
of the clock. When decimating, the chip will present one out-
put value for every two clock cycles. The user may leave
SYNC LOW or toggle it once per rising clock edge, with
equivalent performance.
The output data format is two's complement if TCO is
HIGH, inverted offset binary if LOW. The user can tailor the
output data word width to his/her system requirements using
the Rounding control. As shown in Table 4, the output is
half-LSB rounded to the resolution selected by the value of
RND2-0. The asynchronous three-state output enable control
simplifies connection to a data bus with other drivers.
Table 1. Operating Modes
Note:
1. With 15-bit overflow protection. All other modes on both
parts limit to 16 bits.
DEC
INT
TMC2242A
TMC2242B
0
0
Equal Rate
Interpolate (0 dB)
0
1
Decimate
Decimate
1
0
Interpolate (-6 dB)
Interpolate (-6 dB)1
1
1
Equal Rate
Equal Rate
Pin Assignments
65-2242A-02
SO12
SO11
SO10
SO9
SO8
GND
VDD
SO7
SO6
SO5
SO4
GND
VDD
SI10
SI9
SI8
SI7
SI6
SI5
SI4
SI3
VDD
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
TMC2242A
TMC2242B
65-2242A-02
SO12
SO11
SO10
SO9
SO8
GND
VDD
SO7
SO6
SO5
SO4
GND
VDD
SI10
SI9
SI8
SI7
SI6
SI5
SI4
SI3
VDD
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
TMC2242A
TMC2242B
Description (continued)
44 Lead PLCC
44 Lead MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com