Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2250A Datasheet(PDF) 21 Page - Cadeka Microcircuits LLC.

Part # TMC2250A
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2250A Datasheet(HTML) 21 Page - Cadeka Microcircuits LLC.

Back Button TMC2250A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 19Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC2250A Datasheet HTML 23Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TMC2250A
PRODUCT SPECIFICATION
REV. 1.0.2 10/25/00
21
Mechanical Dimensions
120-Lead Metric Quad Flat Package to Pin Grid Array Package (MPGA)
D
Pin 1 Identifier
TMC2250A
D1
A
A2
L
e
øB
øB2
A1
A3
e
A
.309
.311
7.85
7.90
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.145
.155
3.68
3.94
.090
2.29
A2
A3
.080
2.03
øB
.016
.020
0.40
0.51
D
1.355
1.365
34.42
34.67
2
2
SQ
D1
.175
.185
4.45
4.70
e
.050 NOM.
1.27 NOM.
.050 TYP.
1.27 TYP.
1.200 BSC
30.48 BSC
.100 BSC
2.54 BSC
L
M13
13
120
120
3
4
N
øB2
Notes:
1.
2.
3.
4.
5.
6.
Pin #1 identifier shall be within shaded area shown.
Pin diameter excludes solder dip finish.
Dimension "M" defines matrix size.
Dimension "N" defines the maximum possible number of pins.
Orientation pin is at supplier's option.
Controlling dimension: inch.
CADEKA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com