Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1066C30F38F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM1066C30F38F
Description  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066C30F38F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM1066C30F38F Datasheet HTML 12Page - STMicroelectronics STM1066C30F38F Datasheet HTML 13Page - STMicroelectronics STM1066C30F38F Datasheet HTML 14Page - STMicroelectronics STM1066C30F38F Datasheet HTML 15Page - STMicroelectronics STM1066C30F38F Datasheet HTML 16Page - STMicroelectronics STM1066C30F38F Datasheet HTML 17Page - STMicroelectronics STM1066C30F38F Datasheet HTML 18Page - STMicroelectronics STM1066C30F38F Datasheet HTML 19Page - STMicroelectronics STM1066C30F38F Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
STM1066
Part numbering
17/20
7
Part numbering
Table 7.
Ordering information scheme
Example:
STM1066
C35
F3
8
F
Device type
STM1066
Threshold voltage (3.2 V to 3.5 V in 50 mV increments)
C20: 3.20 V(1)
1.
Contact local ST sales office for availability.
C25: 3.25 V(1)
C30: 3.30 V(1)
C35: 3.35 V
C40: 3.40 V(1)
C45: 3.45 V(1)
C50: 3.50 V(1)
Package
F3: Flip chip, lead-free, pitch = 400 µm, bump = 250 µm
Temperature
8: –30°C to 85°C
Shipping method
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com