Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1066C30F38F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM1066C30F38F
Description  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066C30F38F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM1066C30F38F Datasheet HTML 12Page - STMicroelectronics STM1066C30F38F Datasheet HTML 13Page - STMicroelectronics STM1066C30F38F Datasheet HTML 14Page - STMicroelectronics STM1066C30F38F Datasheet HTML 15Page - STMicroelectronics STM1066C30F38F Datasheet HTML 16Page - STMicroelectronics STM1066C30F38F Datasheet HTML 17Page - STMicroelectronics STM1066C30F38F Datasheet HTML 18Page - STMicroelectronics STM1066C30F38F Datasheet HTML 19Page - STMicroelectronics STM1066C30F38F Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package marking information
STM1066
18/20
8
Package marking information
Table 8.
Factory-trimmed thresholds with marking description
Part number
Rising voltage detector threshold VTH+ at ambient temperature
TA from –30 to +85°C
Topside
marking(1)
Min (–3%)
Typ
Max (+3%)
STM1066C20F38F
3.104
3.20
3.296
TAS
yww
STM1066C25F38F
3.152
3.25
3.348
TBS
yww
STM1066C30F38F
3.201
3.30
3.399
TCS
yww
STM1066C35F38F
3.249
3.35
3.451
TDS
yww
STM1066C40F38F
3.298
3.40
3.502
TES
yww
STM1066C45F38F
3.346
3.45
3.554
TFS
yww
STM1066C50F38F
3.395
3.50
3.605
TGS
yww
1.
Where “y” = assembly year (0 to 9) and “ww” = assembly work week (01 to 52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com