Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2816
Description  7 dB negative slope equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2816 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2816 Datasheet HTML 1Page - KR Electronics, Inc. 2816 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21 /M
log MAG
1 dB/
REF 0 dB
START 100.000 000 MHz
STOP 900.000 000 MHz
Cor
PRm
22 Jan 2008 18:41:37
1
1_:-3.4158 dB
900.000 000 MHz
mean:-3.119 9 dB
s.dev: .1772 dB
p-p: .5526 dB
CH1
S 21 &M log MAG
1 dB/
REF 0 dB
START 100.000 000 MHz
STOP 900.000 000 MHz
Cor
PRm
22 Jan 2008 18:43:11
1
1_:-3.4242 dB
900.000 000 MHz
mean:-6.619 5 dB
s.dev: 2.107 dB
p-p: 6.8734 dB
KR Electronics
KR 2816 is a 7 dB negative slope equalizer. The equalizer has
<±0.5 dB deviation from a linear slope from 100 MHz to 900
MHz. Other frequencies and slopes are available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
• 7 dB Negative Slope Equalizer
• < ± 0.5 dB from Linear Slope
• 50 Ω Source and Load
• SMA Connectors
Typical Performance
www.krfilters.com
Deviation from Linear Slope
(1 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Ideal Response and Measured Response
(1 dB/div)


Similar Part No. - 2816

ManufacturerPart #DatasheetDescription
logo
Heyco.
2816 HEYCO-2816 Datasheet
102Kb / 1P
Shorty Bushings
logo
List of Unclassifed Man...
28160 ETC2-28160 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
logo
Festo Corporation.
2816068 FESTO-2816068 Datasheet
68Kb / 1P
Adapter kit
logo
Belden Inc.
28160A BELDEN-28160A Datasheet
198Kb / 2P
TC VN/PVC, 4G C #26 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28160A-0105000 BELDEN-28160A-0105000 Datasheet
198Kb / 2P
TC VN/PVC, 4G C #26 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results

Similar Description - 2816

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2815 KR-2815 Datasheet
48Kb / 2P
6 dB negative slope equalizer
2817 KR-2817 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
7 dB negative slope equalizer
2848 KR-2848 Datasheet
47Kb / 2P
7 dB negative slope equalizer
2857 KR-2857 Datasheet
49Kb / 2P
5 dB negative slope equalizer
3120 KR-3120 Datasheet
130Kb / 2P
Negative Slope Equalizer
logo
Mini-Circuits
REQ-75-182 MINI-REQ-75-182 Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-3-222N MINI-ZEQ-3-222N Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com