Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2843 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2843
Description  30 MHz bandpass filter. The filter has a minimum 3 dB bandwidth of 3.2 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2843 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2843 Datasheet HTML 1Page - KR Electronics, Inc. 2843 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF -2 dB
CENTER
30 . 000
000
MHz
SPAN
4 . 000
000
MHz
Cor
CH2
S31
DEL
100 ns/
REF 300 ns
Cor
Smo
10 Jun 2008 12:13:07
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 010
000
MHz
STOP
100 . 000
000
MHz
Avg
16
10 Jun 2008 12:15:11
KR Electronics
KR 2843 is a 30 MHz bandpass filter. The filter has a minimum
3 dB bandwidth of 3.2 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 30 MHz Center Frequency
• SMA Connectors
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 100 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2843

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2843-7 ALPHAWIRE-2843-7 Datasheet
404Kb / 3P
26 (7/34) AWG Silver Plated Copper
2843/1 ALPHAWIRE-2843/1 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
2843/19 ALPHAWIRE-2843/19 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
2843/7 ALPHAWIRE-2843/7 Datasheet
404Kb / 3P
26 (7/34) AWG Silver Plated Copper
logo
Fair-Rite Products Corp...
2843000102 FAIR-RITE-2843000102 Datasheet
525Kb / 5P
43 MULTI-APERTURE CORE
More results

Similar Description - 2843

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0156BA02421S ICST-SF0156BA02421S Datasheet
86Kb / 3P
156.00 MHz Bandpass Filter 9.4 MHz bandwidth
logo
API Technologies Corp
SF0070BA03046S APITECH-SF0070BA03046S Datasheet
93Kb / 2P
70 MHz Bandpass Filter 0.5 MHz bandwidth
logo
Spectrum Microwave, Inc...
SF0983BA032880S SPECTRUM-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
logo
API Technologies Corp
SF0983BA032880S APITECH-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
logo
Oscilent Corporation
819-IF160.0M-F OSCILENT-819-IF160.0M-F_14 Datasheet
231Kb / 4P
160.0 MHz Bandpass Filter 1.26 MHz Bandwidth
logo
TriQuint Semiconductor
854656 TRIQUINT-854656_15 Datasheet
43Kb / 1P
70 MHz Bandpass Filter 3 MHz Bandwidth
854833-1 TRIQUINT-854833-1_15 Datasheet
68Kb / 1P
150 MHz Bandpass Filter 1.18 MHz Bandwidth
855748 TRIQUINT-855748_15 Datasheet
32Kb / 1P
36.15 MHz Bandpass Filter 8 MHz Bandwidth
logo
KR Electronics, Inc.
3087 KR-3087 Datasheet
106Kb / 3P
30 MHz Bandpass Filter
3139 KR-3139 Datasheet
105Kb / 3P
30 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com