Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2857 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2857
Description  5 dB negative slope equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2857 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2857 Datasheet HTML 1Page - KR Electronics, Inc. 2857 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
/M
LOG
.5 dB/
REF 0 dB
Cor
CH2
S11
LOG
5 dB/
REF 0 dB
Cor
CH4
S33
LOG
5 dB/
REF 0 dB
START
25 . 000
000
MHz
STOP
225
. 000
000
MHz
Cor
22 Sep 2008 09:22:57
1
1
2
2 : - . 17990
dB
200
. 000
000
MHz
C
1
2
1
1 : -26
. 714
dB
225
. 000
000
MHz
4
1
1 : -28
. 968
dB
225
. 000
000
MHz
CH1
S31
LOG
1 dB/
REF 0 dB
START
25 . 000
000
MHz
STOP
225 . 000
000
MHz
Cor
22 Sep 2008 09:24:24
KR Electronics
KR 2857 is a 5 dB negative slope equalizer. The equalizer has
<±0.5 dB deviation from a linear slope from 25 MHz to 225
MHz. Other frequencies and slopes are available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
Negative Slope Equalizer
< ± 0.5 dB from Linear Slope
50 Ω Source and Load
SMA Connectors
Typical Performance
www.krfilters.com
Deviation from Linear Slope & Return Loss
(0.5 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Response
(1 dB/div)


Similar Part No. - 2857

ManufacturerPart #DatasheetDescription
logo
Heyco.
2857 HEYCO-2857 Datasheet
102Kb / 1P
Shorty Bushings
2857 HEYCO-2857 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
WAGO Kontakttechnik Gmb...
2857-401 WAGO-2857-401 Datasheet
712Kb / 10P
Isolation amplifier; Bipolar current and voltage input signal; Bipolar current
2857-533-000-001 WAGO-2857-533-000-001 Datasheet
585Kb / 10P
Threshold value switches; RTD sensors; 1 make contact
06.10.2021
2857-533/000-001 WAGO-2857-533/000-001 Datasheet
585Kb / 10P
Threshold value switches; RTD sensors; 1 make contact
06.10.2021
More results

Similar Description - 2857

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2815 KR-2815 Datasheet
48Kb / 2P
6 dB negative slope equalizer
2816 KR-2816 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817 KR-2817 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
7 dB negative slope equalizer
2848 KR-2848 Datasheet
47Kb / 2P
7 dB negative slope equalizer
3120 KR-3120 Datasheet
130Kb / 2P
Negative Slope Equalizer
logo
Mini-Circuits
REQ-75-182 MINI-REQ-75-182 Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-3-222N MINI-ZEQ-3-222N Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com