Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2914 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2914
Description  450 MHz elliptic type lowpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2914 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2914 Datasheet HTML 1Page - KR Electronics, Inc. 2914 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2914, 450 MHz Lowpass, Rev 0, May 27, 2009
CH2
S31
LOG
1 dB/
REF 0 dB
START
. 030
000
MHz
STOP
450 . 000
000
MHz
Cor
CH4
S31
DEL
5 ns/
REF 0 s
Cor
27 May 2009 14:26:03
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 030
000
MHz
STOP
1 500 . 000
000
MHz
Cor
27 May 2009 14:26:22
KR Electronics
KR Electronics part number 2914 is a 450 MHz elliptic type
lowpass filter. The filter has a minimum 3 dB bandwidth of
450 MHz. Other bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
 3 dB Bandwidth of 450 MHz
 >35 dB at 500 MHz
 Elliptic Type Response
 SMA Connectors
 Also available in surface mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2914

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
2914 INTEL-2914 Datasheet
1Mb / 21P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Heyco.
2914 HEYCO-2914 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Adafruit Industries
2914 ADAFRUIT-2914 Datasheet
154Kb / 2P
3.5mm (1/8") 4-Pole (TRRS) Audio Plug Terminal Block
7-26-17
logo
PHOENIX CONTACT
2914071 PHOENIX-2914071 Datasheet
146Kb / 8P
Lower part of housing, with vents, fully assembled, with metal foot catch, with integrated bus connector (5-pos.)
2914084 PHOENIX-2914084 Datasheet
98Kb / 4P
Plug-in connection with screw, spring-cage or fast connection technology
More results

Similar Description - 2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-6 LINER-LTC1069-6 Datasheet
226Kb / 8P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
KR Electronics, Inc.
2839 KR-2839 Datasheet
59Kb / 3P
25 MHz elliptic bandpass filter
2915 KR-2915 Datasheet
62Kb / 2P
60 MHz elliptic bandpass filter
2987 KR-2987 Datasheet
48Kb / 3P
Elliptic Lowpass
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-6 LINER-LTC1069-6_15 Datasheet
174Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
KR Electronics, Inc.
2275-1.5 KR-2275-1.5 Datasheet
51Kb / 3P
KR 2275-1.5 is a 150 KHz elliptic type lowpass filter
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com