Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLC10-R12M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLC10-R12M-RC
Description  Multilayer Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLC10-R12M-RC Datasheet(HTML) 1 Page - Allied Components International

  MLC10-R12M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLC10
Multilayer Chip Inductors
Electrical
Q vs. Frequency Characteristics:
Measured on Impedance Analyzer
HPA4195A.
Indu c t a n ce
vs .
Tem p era tu r e
Characteristics: Measured on LCR Meter
HP4285A.
Impedance
vs.
Frequenc y
Characteristics: Measured on Impedance
Analyzer HPA4195A.
Inductance
Vs.
DC
Curren t
Characteristics: Measured on LCR Meter
HPA4285A.
Tolerance: For 20% use M, 10% use K,
and 5% use J as part number suffix.
Mechanical
Solderability: 90% terminal coverage.
Preheat: 120
± 20°C for 60 sec. Solder:
H63A. Solder Temp.: 230
± 5°C. Flux:
rosin. Dip time: 4
± 1 sec.
Environmental
Thermal Shock: Inductance shall be within
±5% of initial value. Q shall be within ± 30%
of initial value within temp. range of -40
°C
to + 85
°C for 30 min. each for > 100 cycles.
Humidity Resistance: Same results as
above. Temp. 4
°C. Humidity: 95% RH.
Time: 1000 hrs.
High Temp Resistance: Same results as
above. Temp: 85
°C. Time: 1000 hrs.
Low Temp Resistance: Same results as
above. Temp: -45
°C. Time: 1000 hrs.
Operating Temp.:
-25
° C to +85° C.
Storage Temp.:
-40
° C to +85° C.
Physical
Packaging: .022
µH - 2.2µH,
4000 pieces per reel.
2.7
µH - 27µH
3000 pieces per 7 inch reel.
*See dimensional difference.
MLC10-R022M-RC
.022
20
20
50
320
0.20
300
MLC10-R068M-RC
.068
20
20
50
280
0.20
300
MLC10-R082M-RC
.082
20
20
50
255
0.20
300
MLC10-R10M-RC
.10
20
25
25
235
0.30
250
MLC10-R12M-RC
.12
20
25
25
220
0.30
250
MLC10-R15M-RC
.15
20
25
25
200
0.40
250
MLC10-R18M-RC
.18
20
25
25
185
0.40
250
MLC10-R22M-RC
.22
20
25
25
170
0.50
250
MLC10-R27M-RC
.27
20
25
25
150
0.50
250
MLC10-R33M-RC
.33
20
25
25
145
0.55
250
MLC10-R39M-RC
.39
20
25
25
135
0.65
250
MLC10-R47M-RC
.47
20
25
25
125
0.65
250
MLC10-R56M-RC
.56
20
25
25
115
0.75
150
MLC10-R68M-RC
.68
20
25
25
105
0.80
150
MLC10-R82M-RC
.82
20
25
25
100
1.00
150
MLC10-1R0K-RC
1.0
10
45
10
75
0.40
50
MLC10-1R2K-RC
MLC10-1R5K-RC
MLC10-1R8K-RC
MLC10-2R2K-RC
MLC10-2R7K-RC *
MLC10-3R3K-RC *
MLC10-3R9K-RC *
MLC10-4R7K-RC *
MLC10-5R6K-RC *
MLC10-6R8K-RC *
MLC10-8R2K-RC *
MLC10-100K-RC *
MLC10-120K-RC *
MLC10-150K-RC *
MLC10-180K-RC *
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
45
45
45
45
45
45
45
45
45
45
45
45
45
30
30
10
10
10
10
10
10
10
10
4
4
4
2
2
1
1
65
60
55
50
45
41
38
35
32
29
26
24
22
19
18
0.50
0.50
0.60
0.65
0.75
0.80
0.90
1.00
0.90
1.00
1.10
1.10
1.20
0.80
0.90
50
50
50
30
30
30
30
30
15
15
15
15
15
5
5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
IDC
Max.
(mA)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
RoHS
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
0.079±0.008
(2.01±0.20)
0.049±0.008
(1.25±0.20)
0.035±0.008
(0.89±0.20)
0.020±0.012
(0.51±0.30)
0.039
(0.99)
0.045
(1.14)
0.047
(1.19)
Dimensions:
Inches
(mm)
MLC10-220K-RC *
MLC10-270K-RC *
22
27
30
30
1
1
16
13
1.10
1.25
5
5
10
10
MLC10-R056M-RC
.056
20
20
50
320
0.20
300
MLC10-R047M-RC
.047
20
20
50
320
0.20
300
MLC10-R033M-RC
.033
20
20
50
320
0.20
300
* 0.049±0.008
(1.25±0.20)
All specifications subject to change without notice.
Available in tighter tolerances.
REVISED 2/06/09


Similar Part No. - MLC10-R12M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLC10-R12M-RC ALLIED-MLC10-R12M-RC Datasheet
366Kb / 1P
Multilayer Chip Inductors
More results

Similar Description - MLC10-R12M-RC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com