Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLC05-R068M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLC05-R068M-RC
Description  Multilayer Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLC05-R068M-RC Datasheet(HTML) 1 Page - Allied Components International

  MLC05-R068M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multilayer Chip Inductors
MLC05
MLC05-R01M-RC
MLC05-R033M-RC
MLC05-R082M-RC
MLC05-R10M-RC
MLC05-R12M-RC
MLC05-R15M-RC
MLC05-R18M-RC
MLC05-R22M-RC
MLC05-R27M-RC
MLC05-R33M-RC
MLC05-R39M-RC
MLC05-R47M-RC
MLC05-R56M-RC
MLC05-R68M-RC
MLC05-R82M-RC
MLC05-1R0K-RC
MLC05-1R2K-RC
MLC05-1R5K-RC
MLC05-1R8K-RC
MLC05-2R2K-RC
MLC05-2R7K-RC
MLC05-3R3K-RC
MLC05-3R9K-RC
MLC05-4R7K-RC
MLC05-5R6K-RC
MLC05-6R8K-RC
MLC05-8R2K-RC
MLC05-100K-RC
MLC05-120K-RC
MLC05-150K-RC
MLC05-180K-RC
MLC05-220K-RC
MLC05-270K-RC
.01
.033
.082
.10
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
15
15
15
25
25
25
25
25
25
25
25
25
25
25
25
35
35
35
35
35
35
35
35
35
35
35
30
30
30
20
20
20
20
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
4
4
4
2
2
1
1
1
1
300
270
245
240
205
180
165
150
136
125
110
105
95
85
75
65
60
55
50
45
40
38
36
33
22
20
18
17
15
14
13
11
10
0.20
0.20
0.30
0.50
0.50
0.60
0.60
0.80
0.80
0.85
1.00
1.35
1.50
1.70
2.10
0.60
0.80
0.80
0.95
1.10
1.30
1.50
1.70
2.10
1.55
1.70
2.10
2.55
2.60
1.70
1.80
2.10
2.70
50
50
50
50
50
50
50
50
50
35
35
35
35
35
35
25
25
25
25
15
15
15
15
15
5
5
5
5
3
1
1
1
1
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Electrical
Q vs. Frequency Characteristics:
Measured on Impedance Analyzer
HPA4195A.
Indu cta n ce vs . Tem p erat u r e
Characteristics: Measured on LCR Meter
HP4285A.
Impedance vs. Frequency Characteristics:
Measured on Impedance Analyzer
HPA4195A.
Inductance Vs. DC Curren t
Characteristics: Measured on LCR Meter
HPA4285A.
Tolerance: For 20% use M, 10% use K
and 5% use J as part number suffix.
Mechanical
Solderability: 90% terminal coverage.
Preheat: 120 ± 20°C for 60 sec. Solder:
H63A. Solder Temp.: 230 ± 5°C. Flux: rosin.
Dip time: 4 ± 1 sec.
Environmental
Thermal Shock: Inductance shall be within
±
5% of initial value. Q shall be within ± 30%
of initial value within temp. range of -40°C
to + 85°C for 30 min. each for > 100 cycles.
Humidity Resistance: Same results as
above. Temp. 4°C. Humidity: 95% RH.
Time: 1000 hrs.
High Temp Resistance: Same results as
above. Temp: 85°C. Time: 1000 hrs.
Low Temp Resistance: Same results as
above. Temp: -45°C. Time: 1000 hrs.
Operating Temp.: -25° C to +85° C.
Storage Temp.:
-40° C to +85° C.
Physical
Packaging: 4000 pieces per 7 inch reel.
Available in tighter tolerances.
IDC
Max.
(mA)
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.063±0.006
(1.60±0.15)
0.031±0.006
(0.79±0.15)
0.031±0.006
(0.79±0.15)
0.012±0.008
(0.30±0.20)
0.031
(0.79)
0.023
(0.58)
0.041
(1.04)
*0.047±0.006
(1.19±0.15)
Dimensions:
Inches
(mm)
MLC05-300K-RC
33
20
1
9
2.90
1
10
MLC05-R068M-RC
.068
15
50
250
0.30
50
20
MLC05-R056M-RC
.056
15
50
255
0.30
50
20
MLC05-R047M-RC
.047
15
50
260
0.30
50
20
All specifications subject to change without notice.


Similar Part No. - MLC05-R068M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLC05-R10_-RC ALLIED-MLC05-R10_-RC Datasheet
2Mb / 1P
Multilayer Chip Inductors
MLC05-R12_-RC ALLIED-MLC05-R12_-RC Datasheet
2Mb / 1P
Multilayer Chip Inductors
MLC05-R15_-RC ALLIED-MLC05-R15_-RC Datasheet
2Mb / 1P
Multilayer Chip Inductors
MLC05-R18_-RC ALLIED-MLC05-R18_-RC Datasheet
2Mb / 1P
Multilayer Chip Inductors
MLC05-R22_-RC ALLIED-MLC05-R22_-RC Datasheet
2Mb / 1P
Multilayer Chip Inductors
More results

Similar Description - MLC05-R068M-RC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com