Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC25-R56M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC25-R56M-RC
Description  Power Chip High Current Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC25-R56M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC25-R56M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCHC25
Power Chip High Current Inductors
All specifications subject to change without notice.
Features
• Designed for high power DC to DC
applications
• Saturation current up to 7.7A
• Extremely low DCR
• Rugged self leaded construction
• Provided in tape and reel packaging for
pick and place assembly
Electrical
Inductance Range: .56
µh to 47µh.
Tolerance:
± 20% over the entire
inductance range.
Test Frequency: Inductance measured
at 100KHz, 0.25 Vrms. After soldering,
Operating Temp. Range: i-40
° to +85°C.ll
Inductance Drop: 30% typically at the
rated Isat.0 to 2000) x 10 -6
°C.
Physical
Packaging: 1000 pieces per 13 inch reel.
Allied
Part
Number
Inductance
(
µh)
PCHC25-R56M-RC
PCHC25-1R2M-RC
PCHC25-2R2M-RC
PCHC25-4R7M-RC
PCHC25-100M-RC
PCHC25-150M-RC
PCHC25-220M-RC
PCHC25-330M-RC
PCHC25-470M-RC
Irms
(A)
SRF
Reference
(MHz)
Tolerance
(%)
DCR
Max.
(
Ω)
Isat
(A)
0.56
1.20
2.20
4.70
10.0
15.0
22.0
33.0
47.0
20
20
20
20
20
20
20
20
20
200
140
100
50
40
30
25
20
15
.010
.017
.035
.054
.111
.170
.250
.350
.470
7.7
5.3
3.5
2.6
1.9
1.5
1.2
.99
.87
6.0
4.4
3.1
2.2
1.5
1.2
1.0
.82
.72
0.350
(8.89)
MAX.
0.240
(6.10)
MAX.
MAX.
0.230
(5.84)
0.115
(2.92)
0.180
(4.57)
0.197
(5.00)
0.075
(1.91)
0.160
(4.06)
0.200
(5.08)
Dimensions:
Inches
(mm)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
PCHC25-1R0M-RC
1.00
20
140
.017
5.3
4.4
Temperature Rise: T=40ºC rise
∆
typical at Irms.
REVISED 7/23/09
* Notice of marking change see “Marking” below.
Marking: Notice: We will be changing our marking
system to the 4 character EIA code for inductance
and tolerance. For example: “101K” for 100µh 10%.


Similar Part No. - PCHC25-R56M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC25-R56M-RC ALLIED-PCHC25-R56M-RC Datasheet
601Kb / 1P
Power Chip High Current Inductors
More results

Similar Description - PCHC25-R56M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC40-R33M-RC ALLIED-PCHC40-R33M-RC Datasheet
290Kb / 1P
Power Chip High Current Inductors
PCHC60-R78M-RC ALLIED-PCHC60-R78M-RC Datasheet
280Kb / 1P
Power Chip High Current Inductors
logo
Superworld Electronics
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Allied Components Inter...
PCHC25 ALLIED-PCHC25 Datasheet
601Kb / 1P
Power Chip High Current Inductors
PCHC40 ALLIED-PCHC40 Datasheet
632Kb / 1P
Power Chip High Current Inductors
PCHC60 ALLIED-PCHC60 Datasheet
607Kb / 1P
Power Chip High Current Inductors
LRC27HC ALLIED-LRC27HC Datasheet
1Mb / 1P
High Current Chip Inductors
logo
Eaton All Rights Reserv...
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com