Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110C2-433A Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # 110C2-433A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C2-433A Datasheet(HTML) 2 Page - rfsolutions.ltd

  110C2-433A Datasheet HTML 1Page - rfsolutions.ltd 110C2-433A Datasheet HTML 2Page - rfsolutions.ltd 110C2-433A Datasheet HTML 3Page - rfsolutions.ltd 110C2-433A Datasheet HTML 4Page - rfsolutions.ltd 110C2-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS119-5
June ‘06
©2006 REG No 277 4001, ENGLAND.
Page 2
119, 129
10209
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
AM Remote Controls
Part Number
Description
Transmitter Type
Freq
(MHz)
Range**
(Metres)
119S1-433A
AM RC System 1 ch 230Vac
Pocket Keyfob
433.92
100
119S2-433A
AM RC System 2 ch 230Vac
Pocket Keyfob
433.92
100
Additional AM Transmitter Keyfobs
Part Number
Description
Freq
(MHz)
Range**
(Metres)
110C1-433A
Transmitter Keyfob, 1 switch
433.92
100
110C2-433A
Transmitter Keyfob, 2 switch
433.92
100
FM Remote Controls
Part Number
Description
Transmitter Type
Freq
(MHz)
Range**
(Metres)
129S1-433F
FM RC System 1 ch 230Vac
Pocket Keyfob
433.92
150
129S2-433F
FM RC System 2 ch 230Vac
Pocket Keyfob
433.92
150
10209S1-433F
FM RC System 1 ch 230Vac
Handheld
433.92
200
10209S2-433F
FM RC System 2 ch 230Vac
Handheld
433.92
200
10209S1-525N
FM NB RC System 1 ch 230Vac
Handheld
434.525
1000
10209S2-525N
FM NB RC System 2 ch 230Vac
Handheld
434.525
1000
Additional FM Transmitter Keyfobs
Part Number
Description
Freq
(MHz)
Range**
(Metres)
120T1-433F
Transmitter Keyfob 1 switch
433.92
150
120T2-433F
Transmitter Keyfob 2 switch
433.92
150
102C1-433F
FM Transmitter encoder 1 switch
433.92
200
102C2-433F
FM Transmitter encoder 2 switch
433.92
200
102C1-525N
FM Transmitter encoder 1 switch
434.525
1000
102C2-525N
FM Transmitter encoder 2 switch
434.525
1000
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by over 50%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com