Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110C2-433A Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # 110C2-433A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C2-433A Datasheet(HTML) 4 Page - rfsolutions.ltd

  110C2-433A Datasheet HTML 1Page - rfsolutions.ltd 110C2-433A Datasheet HTML 2Page - rfsolutions.ltd 110C2-433A Datasheet HTML 3Page - rfsolutions.ltd 110C2-433A Datasheet HTML 4Page - rfsolutions.ltd 110C2-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS119-5
June ‘06
©2006 REG No 277 4001, ENGLAND.
Page 4
119, 129
10209
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
Technical Specifications
‘110’ & ‘120’ Transmitter Keyfob
Battery Type
GP23AE (supplied)
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
8.5
9
16
V
Supply Current : Quiescent
0
mA
Supply Current : Transmitting
8
mA
Operating frequency
433.92
MHz
‘102’ Transmitter Encoder
Battery Type
PP3 (supplied)
Dimensions
110mm x 65mm x 24mm
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
8
9
12
V
Supply Current
11
14
21
mA
Frequency:
Wideband
Narrowband
432.90
434.450
433.92
434.525
434.10
434.575
MHz
MHz
RF Output Power (ERP) @ 433 MHz
-
10
mW
‘009’ Receiver Decoder
Dimensions
110mm (not including antenna) x 85mm x 35mm
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature: 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
230
VAC
Supply Current :
Quiescent
all relays operating
19
260
mA
Relay Rating at 230Vac*
5
12
A
Time delay from Tx on Switch to Rx Relay operation
100
mS
Time delay from Tx sw relax to Rx Relay release
300
MS
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
RS232 Serial Data Output
The ‘009’ receiver decoder board can have the capability of an RS232 serial data output via Connector J6.
This requires the addition of an RS232 driver chip (MAX232) in position U5 and associated capacitors
C5,6,7,8 (100nF). The data output connections from the PCB should be made to Pin 2 and the ground
connection made to Pin 5 of a 9 way ‘D’ type connector. The COM port settings should be:-
Bits per Second:
9600
Data Bits:
8
Parity:
None
Stop Bits:
1
Flow Control:
None
The data stream contains the encoder serial number, button code and low battery status bit.
For more information on using the serial data output or for general enquiries, please call:
RF Solutions Ltd.
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex, BN8 6JL, England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com