Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

230 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # 230
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

230 Datasheet(HTML) 1 Page - rfsolutions.ltd

  230 Datasheet HTML 1Page - rfsolutions.ltd 230 Datasheet HTML 2Page - rfsolutions.ltd 230 Datasheet HTML 3Page - rfsolutions.ltd 230 Datasheet HTML 4Page - rfsolutions.ltd 230 Datasheet HTML 5Page - rfsolutions.ltd 230 Datasheet HTML 6Page - rfsolutions.ltd 230 Datasheet HTML 7Page - rfsolutions.ltd 230 Datasheet HTML 8Page - rfsolutions.ltd 230 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 1
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
• Simple to Use Remote Control
• 8 Channels per Transmitter
• 16 Channels per Receiver
• Upto 48 Transmitters per system
• Auto Transmit Mode
• Secure RF Protocol
• Automatic ‘Watchdog’ Transmission
• Range:
Upto 200 metres at 433MHz
Upto 1,000 metres at 433MHz Narrow Band.
Upto 6,000 metres at 458MHz
• Requires no radio license
• Relay Outputs upto 30A @ 230Vac
• All Modules supplied with Antenna
Remote Telemetry Systems are well suited to industrial switching applications where telemetry signals need to
be sent remotely from one location to another.
This system allows multiple transmitters to a single receiver or a single transmitter to multiple receivers.
Each Transmitter module accepts upto 8 pairs of ‘Volt Free’ contacts as inputs via screw terminals. Each
Receiver has 16 outputs arranged as 4 x 4 easy plug in connectors to interface to any combination of output
modules.
Any of the output modules connect directly to the receiver (cable supplied) to provide transistor switching or relay
outputs.


Similar Part No. - 230

ManufacturerPart #DatasheetDescription
logo
Littelfuse
230 LITTELFUSE-230 Datasheet
60Kb / 2P
MINIATURE FUSES - 5x20 mm
logo
STMicroelectronics
230 STMICROELECTRONICS-230 Datasheet
185Kb / 9P
Low voltage fast-switching PNP power transistor
07-Nov-2006
logo
Littelfuse
230 LITTELFUSE-230 Datasheet
60Kb / 2P
5x20 mm MINIATURE FUSES
logo
Switchcraft, Inc.
230 SWITCH-230 Datasheet
26Kb / 1P
1/4 FLAT PLUG PHONE PLUGS
logo
France Joint
230 FRANCEJOINT-230 Datasheet
370Kb / 2P
ROD SEALS
More results

Similar Description - 230

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
UHF Radio Telemetry Transmit Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
UHF Radio Telemetry Receiver Module
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
UHF Radio Telemetry Receiver Module
logo
rfsolutions.ltd
250R1 RFSOLUTIONS-250R1 Datasheet
124Kb / 10P
GSM TELEMETRY SYSTEM
X7306 RFSOLUTIONS-X7306 Datasheet
249Kb / 8P
458MHz PZT Telemetry System
XNET8100 RFSOLUTIONS-XNET8100 Datasheet
133Kb / 4P
DIN RAIIL TELEMETRY SYSTEM
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
Smart Radio Telemetry Module
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
Smart RADIO Telemetry Module
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
Professional LoRa Telemetry Radio System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
Pixhawk Radio Telemetry Kit
11-12-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com