Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XNET8100 Datasheet (PDF) - rfsolutions.ltd

XNET8100 Datasheet PDF - rfsolutions.ltd
Part # XNET8100
Download  XNET8100 Download
File Size   133.53 Kbytes
Page   4 Pages
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd
Description DIN RAIIL TELEMETRY SYSTEM

XNET8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
XNET8100 Datasheet PDF - rfsolutions.ltd

Part # XNET8100
Download  XNET8100 Click to download

File Size   133.53 Kbytes
Page   4 Pages
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd
Description DIN RAIIL TELEMETRY SYSTEM

XNET8100 Datasheet (HTML) - rfsolutions.ltd


XNET8100 Product details

DESCRIPTION
The XNET Radio Data Network offers a cost effective and flexible means of transmitting analogue, digital, and pulse counter data over large areas without the need for cables. A programmable modular approach allows the user to configure the exact combination of IO required for a specific application from standard XNET modules. A system can be as simple as a one-way link or as complex as a multi-drop network.

FEATURES
• Operates on international licensed and licence free radio telemetry bands.
• Range:
    X8100 – 433 MHz 2km in free space, 0.2 - 0.5km in buildings
    X8100 – 458 MHz 20km in free space, 1 – 3km in buildings
    X8100 – 868 MHz 10km in free space, 0.7 – 2km in buildings
    X8100 – GSM World Wide GSM Mobile Phone Network
    X8100 – LLM Leased Telephone Line
◾ Type approved to ETSI 300-220, ETSI 300-113, ETSI 300-683, MPT1328, MPT1329, MPT1340, MPT1344
◾ 8 to 128 Digital Inputs
◾ 8 to 128 Digital Outputs, Voltage Free Contacts 30Vdc @ 1A
◾ 2 to 128 Analogue Inputs 0-20mA (Standard), 0-10V, 0-500mV. (factory set option)
◾ 2 to 128 Analogue Outputs 0-20mA (Standard), 0-10V, 0-500mV. (factory set option)
◾ 1 Serial Output Port for SCADA System
◾ DIN Rail Mounted
◾ Powered from 24Vdc (Standard), 110Vac, 240Vac.
    Size: X8100 Control Module 160mm by 105mm by 60mm X8100 I/O Modules 52mm by 105mm by 60mm




Similar Part No. - XNET8100

ManufacturerPart #DatasheetDescription
logo
Lumberg
XNES/J 210 LUMBERG-XNES/J 210 Datasheet
304Kb / 3P
Power supply connectors
05/2023
XNES/J 210 LUMBERG-XNES/J 210 Datasheet
436Kb / 3P
Power supply connectors
03/2023
XNES/J 210 LUMBERG-XNES/J 210 Datasheet
442Kb / 3P
Power supply connectors
03/2023
XNES/J 250 LUMBERG-XNES/J 250 Datasheet
449Kb / 3P
Power supply connectors
03/2023
XNES/J210 LUMBERG-XNES/J210 Datasheet
469Kb / 3P
Power supply connectors
More results


Similar Description - XNET8100

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
Modular Radio Telemetry System
250R1 RFSOLUTIONS-250R1 Datasheet
124Kb / 10P
GSM TELEMETRY SYSTEM
X7306 RFSOLUTIONS-X7306 Datasheet
249Kb / 8P
458MHz PZT Telemetry System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
SmartRadio Telemetry Module
RF803-ALPHA RFSOLUTIONS-RF803-ALPHA Datasheet
876Kb / 16P
EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
Professional LoRa Telemetry Radio System
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Vaisala
RM32 VAISALA-RM32 Datasheet
107Kb / 2P
Telemetry Antenna RM32
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com