Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XNET8100 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # XNET8100
Description  DIN RAIIL TELEMETRY SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

XNET8100 Datasheet(HTML) 1 Page - rfsolutions.ltd

  XNET8100 Datasheet HTML 1Page - rfsolutions.ltd XNET8100 Datasheet HTML 2Page - rfsolutions.ltd XNET8100 Datasheet HTML 3Page - rfsolutions.ltd XNET8100 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D
DS
S8
81
10
00
0_
_1
1 O
Oc
ctt ‘‘0
01
1
©
©2
20
00
01
1 R
Re
eg
g.. N
No
o.. 2
22
27
7 4
40
00
01
1,, E
EN
NG
GL
LA
AN
ND
D
P
Pa
ag
ge
e 1
1
D
DIIN
N R
RA
AIIL
L
T
TE
EL
LE
EM
ME
ET
TR
RY
Y
S
SY
YS
ST
TE
EM
M
X
XN
NE
ET
T 8
81
10
00
0
FEATURES
•
Operates on international licensed and licence free radio telemetry bands.
•
Range:
X8100 – 433 MHz
2km in free space, 0.2 - 0.5km in buildings
X8100 – 458 MHz
20km in free space, 1 – 3km in buildings
X8100 – 868 MHz
10km in free space, 0.7 – 2km in buildings
X8100 – GSM
World Wide GSM Mobile Phone Network
X8100 – LLM
Leased Telephone Line
§
Type approved to ETSI 300-220, ETSI 300-113, ETSI 300-683,
MPT1328, MPT1329, MPT1340, MPT1344
§
8 to 128 Digital Inputs
§
8 to 128 Digital Outputs, Voltage Free Contacts 30Vdc @ 1A
§
2 to 128 Analogue Inputs 0-20mA (Standard), 0-10V, 0-500mV.
(factory set option)
§
2 to 128 Analogue Outputs 0-20mA (Standard), 0-10V, 0-
500mV. (factory set option)
§
1 Serial Output Port for SCADA System
§
DIN Rail Mounted
§
Powered from 24Vdc (Standard), 110Vac, 240Vac.
Size:
X8100 Control Module 160mm by 105mm by 60mm
X8100 I/O Modules
52mm by 105mm by 60mm
DESCRIPTION
The XNET Radio Data Network offers a cost effective and flexible means of transmitting analogue, digital, and
pulse counter data over large areas without the need for cables. A programmable modular approach allows the
user to configure the exact combination of IO required for a specific application from standard XNET modules.
A system can be as simple as a one-way link or as complex as a multi-drop network.
An XNET Control Module consists of:
1 Synthesised Radio Transceiver
1 RS232 Serial Gateway Port
8 Opto Isolated Inputs
1 RS232 Programming Port
8 Voltage Free Relay Outputs 1A, 30Vdc
1 X-Bus Expansion Module Port
2 Analogue Inputs ,12bit, 0 to 20mA or 0 to 5V
1 12V DC Power Supply for Transducers
2 Analogue Outputs, 12 bit, 0 to 20mA or 0 to 5V
Additional analogue and digital Input/Output modules can be connected to the Control Module by means of a
single 10-way ribbon cable. The modules can be located locally or up to 50 metres away.
X8100 Analogue,
Digital & Serial
Data
X8100 Analogue,
Digital & Serial
Data
X8100 Analogue,
Digital & Serial
Data
X8100
Repeater
X8100 Analogue,
Digital & Serial
Data
X8100 Analogue,
Digital & Serial
Data
Expanded I/O
Expanded I/O
Expanded I/O
SCADA
SYSTEM


Similar Part No. - XNET8100

ManufacturerPart #DatasheetDescription
logo
Lumberg
XNES/J 210 LUMBERG-XNES/J 210 Datasheet
304Kb / 3P
Power supply connectors
05/2023
XNES/J 210 LUMBERG-XNES/J 210 Datasheet
436Kb / 3P
Power supply connectors
03/2023
XNES/J 210 LUMBERG-XNES/J 210 Datasheet
442Kb / 3P
Power supply connectors
03/2023
XNES/J 250 LUMBERG-XNES/J 250 Datasheet
449Kb / 3P
Power supply connectors
03/2023
XNES/J210 LUMBERG-XNES/J210 Datasheet
469Kb / 3P
Power supply connectors
More results

Similar Description - XNET8100

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
Modular Radio Telemetry System
250R1 RFSOLUTIONS-250R1 Datasheet
124Kb / 10P
GSM TELEMETRY SYSTEM
X7306 RFSOLUTIONS-X7306 Datasheet
249Kb / 8P
458MHz PZT Telemetry System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
SmartRadio Telemetry Module
RF803-ALPHA RFSOLUTIONS-RF803-ALPHA Datasheet
876Kb / 16P
EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
Professional LoRa Telemetry Radio System
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Vaisala
RM32 VAISALA-RM32 Datasheet
107Kb / 2P
Telemetry Antenna RM32
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com