Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XNET8100 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # XNET8100
Description  DIN RAIIL TELEMETRY SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

XNET8100 Datasheet(HTML) 3 Page - rfsolutions.ltd

  XNET8100 Datasheet HTML 1Page - rfsolutions.ltd XNET8100 Datasheet HTML 2Page - rfsolutions.ltd XNET8100 Datasheet HTML 3Page - rfsolutions.ltd XNET8100 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D
DS
S8
81
10
00
0_
_1
1 O
Oc
ctt 0
01
1
©
©2
20
00
01
1 R
Re
eg
g.. N
No
o.. 2
22
27
7 4
40
00
01
1,, E
EN
NG
GL
LA
AN
ND
D
P
Pa
ag
ge
e 3
3
D
DIIN
N R
RA
AIIL
L
T
TE
EL
LE
EM
ME
ET
TR
RY
Y
S
SY
YS
ST
TE
EM
M
X
XN
NE
ET
T 8
81
10
00
0
CONNECTIONS
PIN
FUNCTION
DESCRIPTION
DIRECTION
1
0V
Power Supply -Ve
IN
2
24V
Power Supply +Ve
IN
3
REG 0V
Transducer Regulated 0V
OUT
4
REG 12V
Transducer Regulated 12V at 100mA
OUT
5
AO2
Second Analogue Output (0-20mA)
OUT 1.2
OUT
6
AO1
First Analogue Output
(0-20mA)
OUT 1.1
OUT
7
AI2
Second Analogue Input
(0-20mA)
IN 1.2
IN
8
AI1
First Analogue Input
(0-20mA)
IN 1.1
IN
9
IN COMM
Opto-Isolated Common ( 0V )
IN
10
DI8
Opto-Isolated Input ( 7 - 30V)
IN 1.8
IN
11
DI7
Opto-Isolated Input ( 7 - 30V)
IN 1.7
IN
12
DI6
Opto-Isolated Input ( 7 - 30V)
IN 1.6
IN
13
DI5
Opto-Isolated Input ( 7 - 30V)
IN 1.5
IN
14
DI4
Opto-Isolated Input ( 7 - 30V)
IN 1.4
IN
15
DI3
Opto-Isolated Input ( 7 - 30V)
IN 1.3
IN
16
DI2
Opto-Isolated Input ( 7 - 30V)
IN 1.2
IN
17
DI1
Opto-Isolated Input ( 7 - 30V)
IN 1.1
IN
18
RLY COM
Output Relay Common Contact
IN
19
ERR OUT
Communications Fail Indication ( 1A at 30V )
OUT
20
D08
Relay Output 8 (1A at 30V )
OUT 1.8
OUT
21
D07
Relay Output 7 (1A at 30V )
OUT 1.7
OUT
22
D06
Relay Output 6 (1A at 30V )
OUT 1.6
OUT
23
D05
Relay Output 5 (1A at 30V )
OUT 1.5
OUT
24
D04
Relay Output 4 (1A at 30V )
OUT 1.4
OUT
25
D03
Relay Output 3 (1A at 30V )
OUT 1.3
OUT
26
D02
Relay Output 2 (1A at 30V )
OUT 1.2
OUT
27
D01
Relay Output 1 (1A at 30V )
OUT 1.1
OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com