Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XNET8100 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # XNET8100
Description  DIN RAIIL TELEMETRY SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

XNET8100 Datasheet(HTML) 4 Page - rfsolutions.ltd

  XNET8100 Datasheet HTML 1Page - rfsolutions.ltd XNET8100 Datasheet HTML 2Page - rfsolutions.ltd XNET8100 Datasheet HTML 3Page - rfsolutions.ltd XNET8100 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
DS
S8
81
10
00
0_
_1
1 O
Oc
ctt 0
01
1
©
©2
20
00
01
1 R
Re
eg
g.. N
No
o.. 2
22
27
7 4
40
00
01
1,, E
EN
NG
GL
LA
AN
ND
D
P
Pa
ag
ge
e 4
4
D
DIIN
N R
RA
AIIL
L
T
TE
EL
LE
EM
ME
ET
TR
RY
Y
S
SY
YS
ST
TE
EM
M
X
XN
NE
ET
T 8
81
10
00
0
PROGRAMMING
An XNET control module is programmed by a PC or Organiser configured as a dumb terminal. A three wire
asynchronous RS232 serial port (RD, TD, 0V) with a baud rate set at 9600 with 2 stop bits and no parity is
connected to the control module programming port. When the Esc key is pressed, a configuration menu will
be displayed. Control Parameter such as node number and serial data port
can be selected along with
allocating the destination of the node input ports.
RADIO TRANSMISSION
Radio Frequency for the UK Licence Exempt Band
HEX
CHANNEL
RF
CHANNEL
RF FREQUENCY
MHZ
SW5
SW3
SW2
SW1
NOTES
02H
A
458.525
ON
ON
ON
ON
04H
B
458.550
ON
ON
OFF
OFF
06H
C
458.575
ON
ON
OFF
ON
08H
D
458.600
ON
OFF
ON
OFF
0AH
E
458.625
ON
ON
ON
ON
0CH
F
458.650
ON
ON
OFF
OFF
0EH
G
458.675
ON
ON
OFF
ON
10H
H
458.700
ON
OFF
ON
OFF
12H
I
458.725
ON
OFF
ON
ON
14H
J
458.750
ON
OFF
OFF
OFF
16H
K
458.775
ON
OFF
OFF
ON
18H
L
458.800
ON
OFF
ON
OFF
1AH
M
458.825
ON
OFF
ON
ON
NOT USED
1CH
N
458.850
ON
OFF
OFF
OFF
1EH
O
458.875
ON
OFF
OFF
ON
20H
P
458.900
ON
OFF
ON
OFF
NOT USED
22H
Q
458.925
OFF
ON
ON
ON
Note: SW1,SW2,SW3,SW4 and SW5 refer to the DIL switches located inside the RF Module
To change the RF Frequency remove the top plate from the case and set the DIL switches.
INPUT / OUTPUT MODULES
The number of inputs and outputs connected to an X8100 Transceiver can be expanded from 2 Analogue
Inputs/Outputs and 8 Digital Inputs/Outputs to 128 Analogue Inputs/Outputs and 128 Digital Inputs/Outputs by
means external modules:
X8101 Digital Input Module with 8 Opto-Isolated Inputs
X8102 Digital Output Module with 8 voltage free relay contacts rated at 1A , 30Vdc
X8103 Pulse Counter Output with 8 open collector outputs
X8104 Analogue Input Module with 4 Analogue Inputs, 12 bit resolution, 0-20mA (standard) 0-5V, 0-10V
X8105 Analogue Output Module with 4 Analogue Outputs, 12 bit resolution, 0-20mA (standard) 0-5V.
R
R.. F
F.. S
So
ollu
uttiio
on
ns
s L
Lttd
d..,,
U
Un
niitt 2
21
1,, C
Clliiffffe
e IIn
nd
du
us
sttrriia
all E
Es
stta
atte
e,,
L
Le
ew
we
es
s,, E
E S
Su
us
ss
se
ex
x,, B
BN
N8
8 6
6J
JL
L,, E
En
ng
glla
an
nd
d
T
Te
ell +
+4
44
4 ((0
0))1
12
27
73
3 8
89
98
8 0
00
00
0
F
Fa
ax
x +
+4
44
4 ((0
0))1
12
27
73
3 4
48
80
0 6
66
61
1
E
Em
ma
aiill s
sa
alle
es
s@
@rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
h
httttp
p::////w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
R
R F
F S
So
ollu
uttiio
on
ns
s iis
s a
a m
me
em
mb
be
err o
off tth
he
e L
Lo
ow
w P
Po
ow
we
err R
Ra
ad
diio
o A
As
ss
so
oc
ciia
attiio
on
n..
A
Allll T
Trra
ad
de
em
ma
arrk
ks
s a
ac
ck
kn
no
ow
wlle
ed
dg
ge
ed
d a
an
nd
d rre
em
ma
aiin
n tth
he
e p
prro
op
pe
errtty
y o
off tth
he
e rre
es
sp
pe
ec
ctte
ed
d o
ow
wn
ne
errs
s..
IIn
nffo
orrm
ma
attiio
on
n c
co
on
ntta
aiin
ne
ed
d iin
n tth
hiis
s d
do
oc
cu
um
me
en
ntt iis
s b
be
elliie
ev
ve
ed
d tto
o b
be
e a
ac
cc
cu
urra
atte
e,, h
ho
ow
we
ev
ve
err n
no
o rre
ep
prre
es
se
en
ntta
attiio
on
n o
orr w
wa
arrrra
an
ntty
y iis
s g
giiv
ve
en
n a
an
nd
d R
R..F
F.. S
So
ollu
uttiio
on
ns
s L
Lttd
d.. a
as
ss
su
um
me
es
s n
no
o lliia
ab
biilliitty
y w
wiitth
h rre
es
sp
pe
ec
ctt tto
o tth
he
e a
ac
cc
cu
urra
ac
cy
y o
off s
su
uc
ch
h
iin
nffo
orrm
ma
attiio
on
n.. U
Us
se
e o
off R
R..F
F..S
So
ollu
uttiio
on
ns
s a
as
s c
crriittiic
ca
all c
co
om
mp
po
on
ne
en
ntts
s iin
n lliiffe
e s
su
up
pp
po
orrtt s
sy
ys
stte
em
ms
s iis
s n
no
ott a
au
utth
ho
orriis
se
ed
d e
ex
xc
ce
ep
ptt w
wiitth
h e
ex
xp
prre
es
ss
s w
wrriitttte
en
n a
ap
pp
prro
ov
va
all ffrro
om
m R
R..F
F..S
So
ollu
uttiio
on
ns
s L
Lttd
d..



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com