Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STORM-433F Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # STORM-433F
Description  ?쁓TORM??RADIO MODEM RS232 / USB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

STORM-433F Datasheet(HTML) 2 Page - rfsolutions.ltd

  STORM-433F Datasheet HTML 1Page - rfsolutions.ltd STORM-433F Datasheet HTML 2Page - rfsolutions.ltd STORM-433F Datasheet HTML 3Page - rfsolutions.ltd STORM-433F Datasheet HTML 4Page - rfsolutions.ltd STORM-433F Datasheet HTML 5Page - rfsolutions.ltd STORM-433F Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6
6
DS Storm-b May 08
©2008 Reg. No. 227 4001, ENGLAND
Page 2
‘STORM’ RADIO MODEM RS232 / USB
Connections and Set-up
USB Connector
The Storm Modem interfaces to the host computer via a USB Type A connector.
RS232 Connector
The RF Modem interfaces to the host computer via an RS232 connection using a standard DB9 connector
with pin out as shown in the diagram below.
Power supply
For USB comms, power is automatically obtained from the USB connection. (No external power
required)
For RS232 comms external power is required. Power is provided by either J6 (as shown above) or by a
special serial cable RFS part number PSU-M433UK
The PSU-M433UK power supply and serial cable supplies pin 9 of the 9 way Sub D connector with 12
Volts DC.
Serial Data
Data Bits:
8
Parity:
None
Stop Bits:
1
Flow Control:
None
OPT 1
OPT 2
Host
Baud Rate
Open
Open
4,800
Open
Fitted
9,600
Fitted
Open
19,200
Fitted
Fitted
38,400
(Factory Setting 19,200Kbps)
Status LED’s
The RF Modem circuit board has three LED’s, representing the following signals:
•
PWR – Power on
•
Tx – Transmitting data
•
Rx – Receiving data
8
3
2
20
7
6
4
5
22
1
2
3
4
5
6
7
8
9
PC Serial Port
DTE
(DB25)
RF STORM M odem
(DB9F)
Tx
Rx
DTR
GND
RTS
CTS
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
PC Serial Port
DTE
(DB9)
RF STORM M odem
(DB9F)
Tx
Rx
DTR
GND
RTS
CTS
POWER
POWER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com