Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STORM-433F Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # STORM-433F
Description  ?쁓TORM??RADIO MODEM RS232 / USB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

STORM-433F Datasheet(HTML) 1 Page - rfsolutions.ltd

  STORM-433F Datasheet HTML 1Page - rfsolutions.ltd STORM-433F Datasheet HTML 2Page - rfsolutions.ltd STORM-433F Datasheet HTML 3Page - rfsolutions.ltd STORM-433F Datasheet HTML 4Page - rfsolutions.ltd STORM-433F Datasheet HTML 5Page - rfsolutions.ltd STORM-433F Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6
6
DS Storm-b May 08
©2008 Reg. No. 227 4001, ENGLAND
Page 1
‘STORM’ RADIO MODEM RS232 / USB
• Selectable Host Baud Rate 1200bps – 38.4Kbps
• USB or RS232 Cable Replacement
• Range up to 150 Metres
• European Operation 433 or 868MHz
• Narrow Band RF
• RF Data Rates to 100 kbps
• One to Many, Many to One
• 12V or USB Power
• Conforms to ETSI 300-220
• Requires no radio licence to operate
• ABS enclosure
Description
The RF Solutions STORM radio Modem is a simple to use and very versatile device. It can operate as a
one to one cable replacement link, in multiple master/slave arrangements or in broadcast modes. The
Small modem come in an ABS enclosure with external antenna and easily achieves a range of 150m.
Multiple connection options allow it connect to a PC or act as an M2M link via USB or RS232 with power
though the data cable or via an external 12V DC supply.
Operation Modes
One-to-One operation; for point to point data communication
Broadcast Mode ; where a single master address many Storm Modem Modems concurrently. (using many
Storm Modem Modems set to the same address),
One-to-Many; A network consisting a master and many slaves (the receivers all have the same address)
Many-to-One; where the transmitters all send to a single receiver address.
Because each Storm Modem can contain a unique address, multiple Storm Modem networks can co-exist in
the same area.
Ordering Information
Part Number
Description
STORM-433F
Modem RS232, 433MHz 150Metres
PSU-CAB666
Serial cable and power supply (pin 9 on serial cable powers the modem)


Similar Part No. - STORM-433F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
STOR.EALU2 TOSHIBA-STOR.EALU2 Datasheet
541Kb / 2P
STORE YOUR DATA WITH A SOLID AND STYLISH HARD DRIVE
logo
Huber+Suhner, Inc.
STORAGEBOX1UBK HUBERSUHNER-STORAGEBOX1UBK Datasheet
562Kb / 3P
19" 1U Overlength Storage Box
logo
Toshiba Semiconductor
STOREALU2 TOSHIBA-STOREALU2 Datasheet
541Kb / 2P
STORE YOUR DATA WITH A SOLID AND STYLISH HARD DRIVE
logo
Elma Electronic Ltd
STORSYS-3000 ELMA-STORSYS-3000 Datasheet
670Kb / 2P
StorSys-3000 Mission System
More results

Similar Description - STORM-433F

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
BLUETOOTH RADIO MODEM
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
RS232 RADIO MODEM
logo
Radiometrix Ltd
M48-169-BIM1H RADIOMETRIX-M48-169-BIM1H Datasheet
476Kb / 11P
VHF 500mW RS232 radio modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
UHF NBFM RS232 radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
400mW UHF multi channel RS232 radio modem
M48 RADIOMETRIX-M48 Datasheet
427Kb / 12P
M48 4800 baud RS232 Radio Modem application board
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
500mW UHF NBFM multi channel RS232 Radio Modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
UHF NBFM multi channel RS232 radio modem
logo
Dorji Industrial Group ...
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
LoRa RS232/RS485 Interface Data Radio Modem
logo
PHOENIX CONTACT
2313067 PHOENIX-2313067 Datasheet
86Kb / 6P
Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com