Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117API33 Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIA1117API33
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117API33 Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA1117API33 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 5Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 6Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2009. 3. 2
5/7
Revision No : 0
KIA1117API00~KIA1117API50
ELECTRICAL CHARACTERISTICS
KIA1117API33 (Unless otherwise specified, Tj=-30~125
)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT1
VIN=VOUT+1.5V, IOUT=10mA, Tj=25
VOUT 0.98
VOUT
VOUT 1.02
V
VOUT2
10mA
IOUT 1A, VOUT+1.5V VIN 10V
VOUT 0.97
VOUT
VOUT 1.03
Line Regulation
Reg Line
VOUT+1.5V VIN 10V, IOUT=10mA
-
1
10
mV
Load Regulation
Reg Load
10mA
IOUT 1A, VIN=VOUT+2.0V
-
0.5
1
%
Quiescent Current
IB1
VIN=VOUT+1.25V, IOUT=0A
-
2.5
5
mA
IB2
VIN=10V, IOUT=0A
-
2.5
5
Output Noise Voltage
VNO
VIN=VOUT+1.25V, IOUT=40mA,
10Hz
f
10kHz
-
100
-
Vrms
Sort Circuit Current Limit
ISC
VIN=VOUT+2.0V
1.1
-
-
A
Ripple Rejection
R
R
IOUT=40mA, f=120Hz, Vripple=1Vp-p
VIN=VOUT+3V
60
80
-
dB
Dropout Voltage
VD
IOUT=1A, VIN=0.95VOUT
-
1.1
1.4
V
Temperature Stability
TCVO
VIN=VOUT+1.5V, IOUT=10mA
-
0.5
-
%
ELECTRICAL CHARACTERISTICS
KIA1117API50 (Unless otherwise specified, Tj=-30~125
)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT1
VIN=VOUT+1.5V, IOUT=10mA, Tj=25
VOUT 0.98
VOUT
VOUT 1.02
V
VOUT2
10mA
IOUT 1A, VOUT+1.5V VIN 10V
VOUT 0.97
VOUT
VOUT 1.03
Line Regulation
Reg Line
VOUT+1.5V VIN 10V, IOUT=10mA
-
1
10
mV
Load Regulation
Reg Load
10mA
IOUT 1A, VIN=VOUT+2.0V
-
0.5
1
%
Quiescent Current
IB1
VIN=VOUT+1.25V, IOUT=0A
-
2.5
5
mA
IB2
VIN=10V, IOUT=0A
-
2.5
5
Output Noise Voltage
VNO
VIN=VOUT+1.25V, IOUT=40mA,
10Hz
f
10kHz
-
100
-
Vrms
Sort Circuit Current Limit
ISC
VIN=VOUT+2.0V
1.1
-
-
A
Ripple Rejection
R
R
IOUT=40mA, f=120Hz, Vripple=1Vp-p
VIN=VOUT+3V
60
80
-
dB
Dropout Voltage
VD
IOUT=1A, VIN=0.95VOUT
-
1.1
1.4
V
Temperature Stability
TCVO
VIN=VOUT+1.5V, IOUT=10mA
-
0.5
-
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com