Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117API33 Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIA1117API33
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117API33 Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIA1117API33 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 5Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 6Page - KEC(Korea Electronics) KIA1117API33 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2009. 3. 2
6/7
Revision No : 0
KIA1117API00~KIA1117API50
00.8
1
0.2
0.4
0.6
Fig. 4 VOUT(CHANGE) - Tj
0
125
25
50
100
JUNCTION TEMPERATURE T ( C)
j
2
0
1
3
4
6
5
OUTPUT CURRENT IOUT (A)
Fig. 3 VD - IOUT
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
75
150
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
JUNCTION TEMPERATURE Tj ( C)
JUNCTION TEMPERATURE Tj ( C)
JUNCTION TEMPERATURE Tj ( C)
IOUT=0A
Fig.7 IQ - Tj
25
-30
125
100
75
50
0
100K
10K
1K
10
FREQUENCY f (Hz)
100
V
= V
+3V
0.5<V
< 2V
IN
0
10
20
30
40
50
60
70
80
90
Fig.8 R.R - f
OUT
OUT
RIPPLE
I
= 0.8A
Tj=-30 C
Tj=25 C
Tj=125 C
-50
-25
Fig. 4 LOAD REGULATION
-1.5
-1
-0.5
0
0.5
1
1.5
IOUT=10mA~1A
Fig. 5 LINE REGULATION
0
125
25
50
100
75
-0.2
-0.1
0
0.1
0.2
-30
0
125
25
50
100
75
-30
IOUT=0A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com