Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA209-2 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA209-2
Description  14 Pin DIP TTL Square-Wave Generator With Complimentary Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA209-2 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA209-2 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
d
Duty Cycle
45
55
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min
Max
Unit
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO Output Rise Time
VCC= 5.0V
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min Max Unit
EPA209-2
2
EPA209-35
35
EPA209-3
3
EPA209-40
40
EPA209-4
4
EPA209-45
45
EPA209-5
5
EPA209-50
50
EPA209-10
10
EPA209-60
60
EPA209-15
15
EPA209-70
70
EPA209-20
20
EPA209-80
80
EPA209-25
25
EPA209-90
90
EPA209-30
30
EPA209-100
100
PART
MHz
PART
MHz
NUMBER
±5%
NUMBER
±5%
14 Pin DIP TTL Square-Wave Generator
With Complimentary Output
Output frequencies from 2 to 100 MHz ±5%
Operating temperature range 0 to 70 °C
Schottky TTL
50% duty cycle
Inherent Delay 4nS Typ.
Output synchronized using enable line
Low Profile 14 pin dual-in-line package
Features
Schematic
Package
DSA209 8/25/94
QAF-CSO2 Rev. A 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
43
1
7
8
10
14
VCC
OUT
EN
G
OUT
Square Wave Generator
.365
Max.
.600
.780 Max.
.280
PCA
EPA209-2
Date Code
.010
Typ.
.150 Typ..
.020
.040
Max.
.250
.020
Typ.
Max.
White Dot
Pin#1
.200


Similar Part No. - EPA209-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2099 PCA-EPA2099 Datasheet
30Kb / 1P
Filter
EPA2099-RC PCA-EPA2099-RC Datasheet
30Kb / 1P
Filter
More results

Similar Description - EPA209-2

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS222 ADMOS-AMS222 Datasheet
676Kb / 7P
COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR
logo
Connor-Winfield Corpora...
ATV1 CONNOR-WINFIELD-ATV1 Datasheet
84Kb / 2P
14 PIN DIP CMOS/TTL TCXO
HC54R8 CONNOR-WINFIELD-HC54R8 Datasheet
58Kb / 1P
14 PIN DIP HCMOS/TTL COMPATIBLE
S17R8 CONNOR-WINFIELD-S17R8 Datasheet
51Kb / 1P
14 PIN DIP TTL
S54R8 CONNOR-WINFIELD-S54R8 Datasheet
52Kb / 1P
14 PIN DIP TTL
S55R8 CONNOR-WINFIELD-S55R8 Datasheet
50Kb / 1P
14 PIN DIP TTL
logo
PCA ELECTRONICS INC.
EP8250 PCA-EP8250 Datasheet
16Kb / 1P
14 Pin DIP TTL Square-Wave Generator
EP9430-5 PCA-EP9430-5 Datasheet
20Kb / 1P
14 Pin DIP Single Output TTL Compatible Active Delay Lines
logo
Wolfgang Knap
NFTL WK-NFTL Datasheet
58Kb / 1P
14-PIN DIP TTL OSCILLATORS
logo
PCA ELECTRONICS INC.
EP9430 PCA-EP9430_15 Datasheet
20Kb / 1P
14 Pin DIP Single Output TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com