Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS8D Datasheet(PDF) 1 Page - Sumida Corporation

Part # CMS8D
Description  Strobe Light Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS8D Datasheet(HTML) 1 Page - Sumida Corporation

  CMS8D Datasheet HTML 1Page - Sumida Corporation CMS8D Datasheet HTML 2Page - Sumida Corporation CMS8D Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
◎ Compact size, surface mount transformer.
◎ High current.
◎ Low leakage Inductance.
◎ Special winding technology for high reliability.
◎ Storage temperature range: -40℃~+85℃
◎ Operating temperature range: -40℃~+85℃ (including coil’s self-heat).
◎ RoHS Compliance.
■ Applications
◎ Step up transformer for strobe light of Digital Single-lens Reflex Camera.
◎ IC control strobe light condenser charge mode compliance.
Strobe Light Transformer
(CMS8D series)
■ Typical Evaluation Circuit
※ Visit http://www.sumida.com for more information
D1: DIODES INC. MURS160
M1: PHILIPS PHT6NQ10T
T1: SUMIDA CMS8D75
VCC
DONE
CHARGE
RVOUT
RDCM
GATE
SOURCE
VTRANS
60.4k
T1
1:10
D1
VOUT
300V
VTRANS
VCC
12V
•
•
C4
100
µF
43k
25m
Ω
M1
3750 TA02a
LT3750
GND
RBG
100k
4, 5
6, 7
1
10
2.49k
33pF
OFF ON
C1
10
µF
C2
10
µF
C3
56
µF
+


Similar Part No. - CMS8D

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMS8D57 SUMIDA-CMS8D57 Datasheet
69Kb / 2P
Strobe Light Transformer
CMS8D75 SUMIDA-CMS8D75 Datasheet
77Kb / 2P
Strobe Light Transformer
More results

Similar Description - CMS8D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG002SS SANYO-TIG002SS Datasheet
23Kb / 3P
Light-Controlling Strobe Applications
TIG004SS SANYO-TIG004SS Datasheet
21Kb / 3P
Light-Controlling Strobe Applications
logo
Sumida Corporation
CEEH54 SUMIDA-CEEH54 Datasheet
155Kb / 1P
Strobe Light Transformer
CEEH64 SUMIDA-CEEH64 Datasheet
136Kb / 1P
Strobe Light Transformer
CMS5D28 SUMIDA-CMS5D28 Datasheet
120Kb / 1P
Strobe Light Transformer
CMS5D23 SUMIDA-CMS5D23 Datasheet
127Kb / 1P
Strobe Light Transformer
CMS8D75 SUMIDA-CMS8D75 Datasheet
77Kb / 2P
Strobe Light Transformer
CMS8D57 SUMIDA-CMS8D57 Datasheet
69Kb / 2P
Strobe Light Transformer
CMS5D38 SUMIDA-CMS5D38 Datasheet
74Kb / 2P
Strobe Light Transformer
CMS5D28D SUMIDA-CMS5D28D Datasheet
160Kb / 2P
Strobe Light Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com