Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS8D Datasheet(PDF) 3 Page - Sumida Corporation

Part # CMS8D
Description  Strobe Light Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMS8D Datasheet(HTML) 3 Page - Sumida Corporation

  CMS8D Datasheet HTML 1Page - Sumida Corporation CMS8D Datasheet HTML 2Page - Sumida Corporation CMS8D Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
■ Recommendation reflow condition
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
170±10℃、60 ~ 120s
40s
230 ℃
245 ℃
PEAK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
300
0
0
100
150
200
250
300
50
T( ℃)
T(s)
60
120
180
240
170±10℃、60 ~ 120s
40s
230 ℃
245 ℃
PEAK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T( ℃)
T( s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
■ Packaging with embossed tape and Reel
※ Visit http://www.sumida.com for more information.
G
B
2.0
4.0
C
H
Strobe Light Transformer
(CMS8D series)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com