Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2864 Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPA2864
Description  25 Mbps ATM Transmit and Receive, UTP Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2864 Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPA2864 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPA2864 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
5
7
8
9
10
12
15
16
Pin #'s
Symbol
Function / Description
Pin Descriptions for EPA2864
TXA
TXB
TGND
PT1
PT2
PR1
PR2
AGND
RXA
RXB
Unipolar Transmit Output Data From Driver IC.
Unipolar Transmit Output Data From Driver IC.
Common return path, transmit side.
Balanced bipolar signal for media connection. (-)
Balanced bipolar signal for media connection. (+)
1/2 of Balanced & Isolated receiver data to the I.C. (+)
1/2 of Balanced & Isolated receiver data to the I.C. (-)
Common return path, receive side.
Balanced bipolar received data from media connector. (+)
Balanced bipolar received data from media connector. (-)
Applications for EPA2864
9
10
7
8
15
16
EPA2864
1
2
Driver I.C.
Media
Interface
Module
Media
Conn.
5
12
RX+
RX-
TX+
TX-
DSA2864-1 9/30/94
QAF-CSO7 7/97
To Dr. Side
reference
points.
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com