Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2864 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2864
Description  25 Mbps ATM Transmit and Receive, UTP Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2864 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2864 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPA2864 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DSA2864 9/30/94
25 Mbps ATM Transmit and Receive, UTP Interface
QAF-CSO7 7/97
Unless Otherwise Noted
Dimensions in Inches
Tolerances: Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
RXA 15
12 GND
RX B 16
+
-
9 PR1
10 PR2
Filter
Isolation
XMFR
&
CMC
Choke
TXA 1
TXB 2
5 TGND
7 PT1
8 PT2
Filter
Isolation
XMFR
&
CMC
Choke
Surface Mount Package :
.1" Pitch
.370
1.000
PCA
EPA2864
Date Code
.02
.10
.15
.700
.40
.015
Min.
.035
.50
.01
-30.0
-7.0
-50.0
48 MHz
1-17 MHz
25 MHz
dB Min.
dB Min.
dB Min.
500
dB Min.
dB Min.
Impedance
-----
-14.0
1-64 MHz
Volts
dB Min.
Ω
100
-38.0
RCV
XMIT
Specification
Parameter
Frequency
Unit
-8.0
Insertion Loss
dB Max.
-0.8
Return Loss
Commom Mode Rejection
----
0-28 MHz
32 MHz
44 MHz
Isolation
Notes :
PCA Part Number(s)
EPA2864
Electrical Specifications @ 25°C


Similar Part No. - EPA2864

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2865 PCA-EPA2865 Datasheet
23Kb / 1P
T1/PRI Transformer
EPA2865-RC PCA-EPA2865-RC Datasheet
23Kb / 1P
T1/PRI Transformer
EPA2866 PCA-EPA2866 Datasheet
20Kb / 1P
T1/CEPT/ISDN-PRI Transformer
More results

Similar Description - EPA2864

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Bel Fuse Inc.
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
ATM 25.6 MBPS INTERFACE MODULE
logo
PCA ELECTRONICS INC.
EPT7001G PCA-EPT7001G Datasheet
20Kb / 1P
4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive
EPT7040 PCA-EPT7040 Datasheet
23Kb / 1P
4/16 Mbps Token Ring Transmit and Receive Module
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
logo
XFMRS Inc.
XF3506T2 XFMRS-XF3506T2 Datasheet
41Kb / 1P
ATM 25 MBPS FILTER
logo
Bothhand USA, LP.
FS7583LF BOTHHAND-FS7583LF Datasheet
264Kb / 1P
ATM 25 MBPS FILTER/MAGNETIC MODULES AND TRANSFORMER
FS7583 BOTHHAND-FS7583 Datasheet
264Kb / 1P
ATM 25 MBPS FILTER/MAGNETIC MODULES AND TRANSFORMER
logo
XFMRS Inc.
XF3506T2 XFMRS-XF3506T2 Datasheet
41Kb / 1P
ATM 25 MBPS FILTER
logo
Pulse A Technitrol Comp...
PE-67583T PULSE-PE-67583T Datasheet
157Kb / 6P
ATM 25 MBPS FILTER/MAGNETIC MODULES AND TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com