Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 12Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 13Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 14Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 15Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 16Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Sheet2-5. Normal electrical parameters
Name
Description
Min
Typical
Max
Unit
Condition
VDD
Work Voltage
3.1
3.3
3.5
V
IDD
Work Current
140
150
160
mA
soldering
Jointing
Jointing Tem:260℃±5℃,DippingTime≤5±0.5s
10.Evaluation Kit
The evaluation kit targets at helping customers to integrate neport in their products
efficiently. It includes the follow components
◆
NePor Evaluation Board
◆
NePort
◆
+9V Power Adaptor
◆
RS232 cross-over cable(DB9,Fmale-Female)
◆
CAT5e UTP RJ45M/M
◆
Product Disk
Chart 2-10. Evaluation Kit
Description of EVB
This Kit provide the whole platform for testing neport series, it includes ae
neport(Standard version), a neport plug with 8/10 pins,standard RS232 interface with coms
to rs232 converter chip and led indicators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com