Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NeChip Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 12Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 13Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 14Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 15Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 16Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 17Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
NePort Summary
Embedded Seial-IP series
NePort –L Series NePort-R Series
NePort Series
NePort-EN Series
Single port series
LX
LX
-485
RX
RX
-485
SX
SX
-485
EXH
EXH
-485
ESX
Flash
Code/Boot(KB)
128k
/32
128k
/32
256k
/32
256k
/32
512k
/32
512k
/32
512k
/32
512k
/32
512k
/32
SRAM(KB)
80/128
80/128
128
128
256
256
256
256
256
Memory and Speed
Speed (MIPS)
55
55
55
55
55
55
60
60
60
ARM7TDMI
Y
Y
Y
Y
Y
Y
Y
Y
Y
Core and System
Multi-T RTOS
Y
Y
Y
Y
Y
Y
Y
Y
Y
Ethernet Speed (M)
10/100
10/100
10/100
10/100
10/100
10/100
10/100
10/100
10/100
Y
Y
Y
Y
Y
Y
Y
Y
Y
RS232
Uart
RS485/422
Y
Y
Y
Y
Y
Max-Baudrate(bps)
115200
115200
460800
460800
460800
460800
921600
921600
921600
Serial Interfaces
Serial port Number
1
1
1
1
1
1
1/2/3
1/2/3
1/2/3
Programmable I/O
PIO Number
--
2
--
2
--
--
--
2
2
ARP/IP/ICMP/DHCP
/BOOTP/TCP/UDP
Y
Y
Y
Y
Y
Y
Y
Y
Y
TFTP
Y
Y
Y
Y
Y
Y
Y
Y
Y
SNTP
--
--
--
--
Y
Y
--
Y
Y
Http Server
(web customized)
--Y
Y
Y
Y
Y
Y
Y
Y
Telnet Server
Y(*)
Y(*)
Y
Y
Y
Y
Y
Y
Y
DNS
Y(*)
Y(*)
Y(*)
Y(*)
Y
Y
Y
Y
Y
Smtp (Email Trigger)
--
--
--
--
Y(*)
Y(*)
--
Y
Y
Protocol stacks
PPP/PPPOE
--
--
--
--
--
Y(*)
--
--
Y
SSH
--
--
--
--
--
--
--
--
Y
SSL/TLS
--
--
--
--
--
--
--
--
Y
Https
--
--
--
--
--
--
--
--
Y
Advanced
encryption
protocols
Smtps
--
--
--
--
--
--
--
--
Y
AES
--
--
--
--
--
--
--
--
Y
DES/Triple-DES
--
--
--
--
--
--
--
--
Y
RC4
--
--
--
--
--
--
--
--
Y
Encryption
Arithmetic
MD5
--
--
--
--
--
--
--
--
Y
Power suppler(V)
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
Analog parameters
I/O Tolerant(V)
5
5
5
5
5
5
5
5
5
10Base-T Activity
165
165
165
165
165
165
165
165
165
PowerConsumption
(mA)
100Base-T Activity
155
155
155
155
155
155
155
155
155
Operating temperature arrange
C = 0 - +75°C
I = - 40 - +85°C
C,I
C,I
C,I
C,I
C,I
C,I
C,I
C,I
C,I
Package Option
(RJ45)
RJ45
Low
Cost
RJ45
Low
Cost
RJ45
RJ45
RJ45
RJ45
RJ45
RJ45
RJ45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com