Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC1012H Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC1012H
Description  Ethernet DC/DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC1012H Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC1012H Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.018
Typ.
.100 Typ. (10 Plcs)
1.100
Input
Voltage V
12 ± 10%
12 ± 10%
Output
Voltage V
9 ± 5%
9 ± 5%
Output Current
mA Max.
200 Max.
200 Max.
Output Ripple & Noise
@ 20 MHz BW mV p-p
100 Max.
100 Max.
Isolation
Vrms
500
2000
PCA P/N
EPC1012P
EPC1012H
• 70 % Typical efficiency at full load†
• Enable Active : Low
• Regulated Output
• Input / Output Isolation
• Input filter to reduce input ripple current
• Designed for low common mode noise
Standard
Package
E6
E6
DSC1012 Rev 1 4/8/99
PCA EPC1012P
Date Code
12V
9V
PCA EPC1012HE7
Date Code
12V
9V
Ethernet DC/DC Converter EPC1012P & EPC1012H
PACKAGE E6
Features
PACKAGE E7
Notes : *Package with G = Surface Mount Device
†@ nominial input voltage
PACKAGE E6-G
Optional
Packages
E6-G*,E7,E8
E6-G*,E8
1.30 Max.
.375 Max
.585 Max.
.125 Min.
.018
Typ.
.008
.012
.635
Typ.
.100 Typ. (3 Plcs)
.02 Typ.
1.100
1.30 Max.
.375 Max
.585 Max.
.125 Min.
.008
.012
.635
Typ.
.02 Typ.
White Dot
Pin 1
White Dot
Pin 1
Pin Connections for E8
9
12
11
10
3
1
2
24 23
V in+
V in-
13
V o+
V o-
N/C
Enable
Low
Pin Connections for E6
1
2
24
23
V in+
V in-
12
9
13
3
V o+
V o-
N/C
Enable
Low
Pin Connections for E6-G
1
2
24
23
V in+
V in-
12
9
13
3
V o+
V o-
N/C
Enable
Low
2
13
14
15
24
Pin Connections for E7
V in+
V in+
12
V in-
11
V o+
V in-
Enable
Low
1
10
V o-
V o+
V o-
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
1.30 Max.
.010 Typ.
.585 Max.
.020 Typ.
.700
Typ.
.35 Max
1.100
.100 Typ.
.050
.600
PCA EPC1012HG
Date Code
12V
9V
Optional SMD Package Available
Electrical Specifications
.090
Suggested
Pad
Layout
.740
.040
.100
PAD LAYOUT


Similar Part No. - EPC1012H

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC101 EPC-EPC101 Datasheet
367Kb / 7P
Light-Curtain Device with 2-Wire Bus Interface
EPC101-CSP10 EPC-EPC101-CSP10 Datasheet
409Kb / 9P
Light-Curtain Device with 2-Wire Bus Interface
EPC101-QFN16 EPC-EPC101-QFN16 Datasheet
409Kb / 9P
Light-Curtain Device with 2-Wire Bus Interface
logo
List of Unclassifed Man...
EPC1013P ETC1-EPC1013P Datasheet
15Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1013P PCA-EPC1013P Datasheet
17Kb / 1P
Ethernet DC/DC Converter
More results

Similar Description - EPC1012H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1008P ETC1-EPC1008P Datasheet
28Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
Ethernet DC/DC Converter
EPC1008P PCA-EPC1008P Datasheet
34Kb / 1P
Ethernet DC/DC Converter
EPC1018H PCA-EPC1018H Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1054P PCA-EPC1054P Datasheet
39Kb / 1P
Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
Ethernet DC/DC Converter
EPC1091P PCA-EPC1091P Datasheet
27Kb / 1P
Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1109P PCA-EPC1109P Datasheet
26Kb / 1P
Ethernet DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com