Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX291C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX291C/D
Description  8th-Order, Lowpass, Switched-Capacitor Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX291C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX291C/D Datasheet HTML 2Page - Maxim Integrated Products MAX291C/D Datasheet HTML 3Page - Maxim Integrated Products MAX291C/D Datasheet HTML 4Page - Maxim Integrated Products MAX291C/D Datasheet HTML 5Page - Maxim Integrated Products MAX291C/D Datasheet HTML 6Page - Maxim Integrated Products MAX291C/D Datasheet HTML 7Page - Maxim Integrated Products MAX291C/D Datasheet HTML 8Page - Maxim Integrated Products MAX291C/D Datasheet HTML 9Page - Maxim Integrated Products MAX291C/D Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8th-Order, Lowpass,
Switched-Capacitor Filters
8
_______________________________________________________________________________________
order continuous lowpass filter. This filter is convenient for
anti-aliasing applications, or for clock noise attenuation at
the switched-capacitor filter’s output. Figure 4 shows a
2nd-order lowpass Butterworth filter built using the
uncommitted op amp with a 10kHz corner frequency.
This filter’s input resistance of 22k satisfies the minimum
load requirements of the switched-capacitor filter.
The uncommitted op amp (with a 2MHz gain bandwidth
product) can alternatively be used at the input of the
switched-capacitor filter to help reduce any possible
clock ripple feedthrough to the output.
DAC Post-Filtering
When using the MAX291/MAX292/MAX295/MAX296 for
DAC post-filtering, synchronize the DAC and the filter
clocks. If clocks are not synchronized, beat frequen-
cies will alias into the desired passband. The DAC’s
clock should be generated by dividing down the
switched-capacitor filter’s clock.
Harmonic Distortion
Harmonic distortion arises from nonlinearities within the
filters. These nonlinearities generate harmonics when a
pure sine wave is applied to the filter input. Table 2 lists
typical harmonic distortion values for the MAX291/
MAX292/MAX295/MAX296 with a 1kHz 5Vp-p sine-wave
input signal, a 1 MHz clock frequency, and a 5k
Ω load.
MAX29_
4
C1
330pF
3
INPUT
C2
1500pF
22k
R1
22k
R2
22k
R3
OUTPUT
OP OUT
OP IN
Figure 4. Uncommitted Op Amp Configured as a 2nd-Order
Butterworth Lowpass Filter (Fo = 10kHz)
Table 2. Typical Harmonic Distortion (dB)
-96
-92
-82
-83
-96
-97
-88
-89
-71
-93
-71
-72
-89
-86
-82
-78
4th
5th
2nd
3rd
Filter
Harmonic
MAX296
MAX295
MAX292
MAX291
_Ordering Information (continued)
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
Pin Configuration is 8-pin DIP/SO.
8 CERDIP**
-55°C to +125°C
MAX296MJA
16 Wide SO
8 Plastic DIP
Dice*
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
MAX296EWE
16 Wide SO
0°C to +70°C
MAX296EPA
MAX296C/D
MAX296CWE
8 Plastic DIP
8 CERDIP**
16 Wide SO
-40°C to +85°C
-55°C to +125°C
0°C to +70°C
MAX296CPA
MAX295MJA
MAX295EWE
8 Plastic DIP
-40°C to +85°C
MAX295EPA
Dice*
16 Wide SO
0°C to +70°C
0°C to +70°C
MAX295C/D
8 Plastic DIP
0°C to +70°C
MAX295CWE
MAX295CPA
8 CERDIP**
-55°C to +125°C
MAX292MJA
16 Wide SO
8 Plastic DIP
Dice*
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
MAX292EWE
16 Wide SO
0°C to +70°C
MAX292EPA
MAX292C/D
MAX292CWE
PIN-PACKAGE
TEMP. RANGE
PART
8 Plastic DIP
0°C to +70°C
MAX292CPA
8 SO
0°C to +70°C
MAX292CSA
8 SO
-40°C to +85°C
MAX292ESA
8 SO
0°C to +70°C
MAX295CSA
8 SO
-40°C to +85°C
MAX295ESA
8 SO
0°C to +70°C
MAX296CSA
8 SO
-40°C to +85°C
MAX296ESA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com