Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX291C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX291C/D
Description  8th-Order, Lowpass, Switched-Capacitor Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX291C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX291C/D Datasheet HTML 1Page - Maxim Integrated Products MAX291C/D Datasheet HTML 2Page - Maxim Integrated Products MAX291C/D Datasheet HTML 3Page - Maxim Integrated Products MAX291C/D Datasheet HTML 4Page - Maxim Integrated Products MAX291C/D Datasheet HTML 5Page - Maxim Integrated Products MAX291C/D Datasheet HTML 6Page - Maxim Integrated Products MAX291C/D Datasheet HTML 7Page - Maxim Integrated Products MAX291C/D Datasheet HTML 8Page - Maxim Integrated Products MAX291C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
8th-Order, Lowpass,
Switched-Capacitor Filters
4
_______________________________________________________________________________________
-0.6
-0.7
-0.5
-0.2
-0.1
-0.3
-0.4
0
0
200
400
600
800
1k
MAX291/MAX295
FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
MAX295
Fo = 1kHz
MAX291
-100
-120
-80
-20
0
-40
-60
20
012345
MAX291/MAX295
FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
MAX295
Fo = 1kHz
MAX291
-100
-120
-80
-20
0
-40
-60
20
02468
10
MAX292/MAX296
FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
MAX296
Fo = 1kHz
MAX292
6
9
8
7
11
10
15
14
13
12
16
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE, V+ OR |V-|
100kHz EXTERNAL CLOCK
10
13
12
11
14
15
16
-60
20
0
-40 -20
40 60 80 100 120 140
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
100kHz EXTERNAL CLOCK
I+ OR | I- |
-60
-70
-50
-20
-10
-30
-40
0
0
400
800
1.2k
1.6k
2k
MAX291/MAX295
FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
Fo = 1kHz
MAX291/MAX295
-12
-14
-10
-4
-2
-6
-8
0
0
400
800
1.2k
1.6k
2k
MAX292/MAX296
FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
MAX296
Fo = 1kHz
MAX292
-480
-560
-400
-160
-80
-240
-320
0
0
400
800
1.2k
1.6k
2k
MAX291/MAX295
PHASE RESPONSE
INPUT FREQUENCY (Hz)
MAX295
Fo = 1kHz
MAX291
0
0
400
1.2k
2k
MAX292/296 PHASE RESPONSE
-300
-350
-100
-150
-50
INPUT FREQUENCY (Hz)
800
1.6k
-200
-250
fo = 1kHz
Typical Operating Characteristics (continued)
(V+ = 5V, V- = -5V, TA = +25°C, fCLK = 100kHz (MAX291/MAX292) or fCLK = 50kHz (MAX295/MAX296), unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com