Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5500AGAP+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5500AGAP+ Datasheet HTML 1Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(MAX5500 (VDD = +5V ±10%, VREFAB = VREFCD = 2.5V), MAX5501 (VDD = +3V to +3.6V, VREFAB = VREFCD = 1.25V), VAGND = VDGND
= 0, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C. Output buffer connected in
unity-gain configuration (Figure 9).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 2mA
VDD - 0.5
V
Output Low Voltage
VOL
ISINK = 2mA
0.13
0.4
V
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
SR
0.6
V/µs
To ±0.5 LSB, VSTEP = 2.5V
MAX5500A/MAX5500B
12
Output Settling Time
To ±0.5 LSB, VSTEP = 1.25V
MAX5501A/MAX5501B
16
µs
Output Voltage Swing
Rail-to-rail (Note 2)
0 to VDD
V
Current into FB_
0
0.1
µA
OUT_ Leakage Current in
Shutdown
RL = ∞
±0.01
±1.0
µA
MAX5500A/MAX5500B
15
Startup Time Exiting
Shutdown Mode
MAX5501A/MAX5501B
20
µs
Digital Feedthrough
CS =VDD, fIN = 100kHz
5
nV•s
Digital Crosstalk
5nV•s
POWER SUPPLIES
MAX5500A/MAX5500B
4.5
5.5
Supply Voltage
VDD
MAX5501A/MAX5501B
3.0
3.6
V
Supply Current
IDD
(Note 3)
0.85
1.1
mA
Supply Current in Shutdown
(Note 3)
10
20
µA
TIMING CHARACTERISTICS (Figure 6)
SCLK Clock Period
tCP
100
ns
SCLK Pulse-Width High
tCH
40
ns
SCLK Pulse-Width Low
tCL
40
ns
CS Fall to SCLK Rise Setup
Time
tCSS
40
ns
SCLK Rise to
CS Rise Hold
Time
tCSH
0ns
DIN Setup Time
tDS
40
ns
DIN Hold Time
tDH
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com