Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5500AGAP+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5500AGAP+
Description  Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5500AGAP+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5500AGAP+ Datasheet HTML 1Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5500AGAP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Low-Power, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(MAX5500 (VDD = +5V ±10%, VREFAB = VREFCD = 2.5V), MAX5501 (VDD = +3V to +3.6V, VREFAB = VREFCD = 1.25V), VAGND = VDGND
= 0, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C. Output buffer connected in
unity-gain configuration (Figure 9).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX5500
80
SCLK Rise to DOUT Valid
Propagation Delay
tD01
CLOAD = 200pF
MAX5501
120
ns
MAX5500
80
SCLK Fall to DOUT Valid
Propagation Delay
tD02
CLOAD = 200pF
MAX5501
120
ns
SCLK Rise to
CS Fall Delay
tCS0
40
ns
CS Rise to SCLK Rise Hold
Time
tCS1
40
ns
CS Pulse-Width High
tCSW
100
ns
Note 1: Guaranteed from code 11 to code 4095 in unity-gain configuration.
Note 2: Accuracy is better than 1.0 LSB for VOUT = 6mV to (VDD - 60mV), guaranteed by PSR test on endpoints.
Note 3: RL = ∞, digital inputs at DGND or VDD.
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE
REFERENCE VOLTAGE (V)
3.6
2.8
2.0
1.2
-0.8
-0.6
-0.4
-0.2
0
0.2
-1.0
0.4
4.4
MAX5500
VDD = 5V
RL = 5kΩ
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE
REFERENCE VOLTAGE (V)
1.9
1.4
0.9
-0.8
-0.6
-0.4
-0.2
0
-1.0
0.4
2.4
MAX5501
VDD = 3V
RL = 5kΩ
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-40
860
870
880
890
900
910
850
-55
125
MAX5500
VDD = 5V
CODE = FFF hex
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com