Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIMSC1008C Datasheet(PDF) 3 Page - PCA ELECTRONICS INC.

Part # EPIMSC1008C
Description  Wound Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIMSC1008C Datasheet(HTML) 3 Page - PCA ELECTRONICS INC.

  EPIMSC1008C Datasheet HTML 1Page - PCA ELECTRONICS INC. EPIMSC1008C Datasheet HTML 2Page - PCA ELECTRONICS INC. EPIMSC1008C Datasheet HTML 3Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E L E C T R O N I C S I N C .
Wound Chip Inductors
EPIMSC Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIMSC Rev. -
3/31/08 NM
3
Electrical Characteristics (EPIMSC0805C Type)
2.8
3.0
3.3
5.6
6.8
7.5
8.2
10
12
15
18
22
24
27
33
36
39
43
47
56
68
82
91
100
110
120
150
180
200
220
240
250
270
330
390
470
560
620
680
820
1000
Inductance
(nH)
7900
7900
7900
5500
5500
4500
4700
4200
4000
3400
3300
2600
2000
2500
2050
1700
2000
1650
1650
1550
1450
1300
1200
1200
1000
1100
920
870
860
850
690
660
650
600
560
375
340
220
188
215
100
SRF
(MHz Min.)
80
65
50
65
50
50
50
60
50
50
50
55
50
55
60
55
60
60
60
60
60
65
65
65
50
50
50
50
50
50
44
45
48
48
48
33
23
23
23
23
20
Q
(Min.)
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
200
200
200
200
150
150
150
150
150
100
100
100
100
100
100
100
100
100
50
25
25
25
25
25
Test
Frequency
(MHz)
Part
Number
EPIMSC0805C-2N8
EPIMSC0805C-3N0
EPIMSC0603C-3N3
EPIMSC0805C-5N6
EPIMSC0805C-6N8
EPIMSC0805C-7N5
EPIMSC0805C-8N2
EPIMSC0805C-10N
EPIMSC0805C-12N
EPIMSC0805C-15N
EPIMSC0805C-18N
EPIMSC0805C-22N
EPIMSC0805C-24N
EPIMSC0805C-27N
EPIMSC0805C-33N
EPIMSC0805C-36N
EPIMSC0805C-39N
EPIMSC0805C-43N
EPIMSC0805C-47N
EPIMSC0805C-56N
EPIMSC0805C-68N
EPIMSC0805C-82N
EPIMSC0805C-91N
EPIMSC0805C-R10
EPIMSC0805C-R11
EPIMSC0805C-R12
EPIMSC0805C-R15
EPIMSC0805C-R18
EPIMSC0805C-R20
EPIMSC0805C-R22
EPIMSC0805C-R24
EPIMSC0805C-R25
EPIMSC0805C-R27
EPIMSC0805C-R33
EPIMSC0805C-R39
EPIMSC0805C-R47
EPIMSC0805C-R56
EPIMSC0805C-R62
EPIMSC0805C-R68
EPIMSC0805C-R82
EPIMSC0805C-1R0
0.06
0.06
0.08
0.08
0.11
0.14
0.12
0.10
0.15
0.17
0.20
0.22
0.22
0.25
0.27
0.27
0.29
0.34
0.31
0.34
0.38
0.42
0.48
0.46
0.48
0.51
0.56
0.64
0.68
0.70
1.00
1.20
1.00
1.40
1.50
1.76
1.90
2.20
2.20
2.35
2.50
DCR
(
Ω Max.)
800
800
600
600
600
600
600
600
600
600
600
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
400
400
400
350
350
350
310
290
250
230
210
190
180
170
Irms
(mA Max.)
Electrical Characteristics (EPIMSC1008C Type)
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
Inductance
(nH)
4100
3300
2500
2500
2400
1600
1600
1500
1500
1300
1300
1000
1000
950
850
750
700
600
570
500
450
SRF
(MHz Min.)
50
50
50
50
55
55
60
60
65
65
65
60
60
60
45
45
45
45
45
45
45
Q
(Min.)
50
50
50
50
50
50
50
50
50
50
50
50
25
25
25
25
25
25
25
25
25
Test
Frequency
(MHz)
Part
Number
EPIMSC1008C-10N
EPIMSC1008C-12N
EPIMSC1008C-15N
EPIMSC1008C-18N
EPIMSC1008C-22N
EPIMSC1008C-27N
EPIMSC1008C-33N
EPIMSC1008C-39N
EPIMSC1008C-47N
EPIMSC1008C-56N
EPIMSC1008C-68N
EPIMSC1008C-82N
EPIMSC1008C-R10
EPIMSC1008C-R12
EPIMSC1008C-R15
EPIMSC1008C-R18
EPIMSC1008C-R22
EPIMSC1008C-R27
EPIMSC1008C-R33
EPIMSC1008C-R39
EPIMSC1008C-R47
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.18
0.20
0.22
0.56
0.63
0.70
0.77
0.84
0.91
1.05
1.12
1.19
DCR
(
Ω Max.)
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
650
650
580
620
500
500
450
470
470
Irms
(mA Max.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com