Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIMSC1008C Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPIMSC1008C
Description  Wound Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPIMSC1008C Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPIMSC1008C Datasheet HTML 1Page - PCA ELECTRONICS INC. EPIMSC1008C Datasheet HTML 2Page - PCA ELECTRONICS INC. EPIMSC1008C Datasheet HTML 3Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E L E C T R O N I C S I N C .
Wound Chip Inductors
EPIMSC Type
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIMSC Rev. -
3/31/08 NM
Package Dimensions
EPIMSC0402C
EPIMSC0603C
EPIMSC0805C
EPIMSC1008C
Type
Product Identification
Tolerance
Inductance
Dimensions
Product Code
EPIMSC
: Tolerance (G = ± 2%, J = ± 5%, K = ± 10%)
1
Applications :
RF Products for Cellular Phone, GPS Receiver, Base Station,
Repeater, Wireless LAN/Mouse/Keyboard/Earphone,
Remote Control, Security System and other RF Modules
Specifications :
Operating/Storage Temperature : -40°C to +125°C
Wire : Enameled Copper
Terminal : Mo/Mn/Ni/Au
Packaging : 3000/Reel
Material : Alumina
.047
(1.19)
.071
(1.80)
.090
(2.29)
.114
(2.92)
A
Inches
(mm)
.027
(.700)
.044
(1.12)
.068
(1.73)
.110
(2.79)
B
Inches
(mm)
.026
(.660)
.040
(1.02)
.060
(1.52)
.080
(2.03)
C
Inches
(mm)
.098
(.250)
.014
(.350)
.019
(.500)
.027
(.700)
D
Inches Ref.
(mm Ref.)
.022
(.560)
.034
(.860)
.040
(1.02)
.060
(1.52)
E
Inches
(mm)
.009
(.230)
.013
(.330)
.017
(.440)
.020
(.510)
F
Inches
(mm)
.020
(.510)
.030
(.760)
.050
(1.27)
.080
(2.03)
G
Inches
(mm)
.026
(.660)
.040
(1.02)
.070
(1.78)
.100
(2.54)
H
Inches
(mm)
.014
(.360)
.025
(.640)
.040
(1.02)
.040
(1.02)
I
Inches
(mm)
.018
(.460)
.025
(.640)
.030
(.760)
.050
(1.27)
J
Inches
(mm)
Electrical Characteristics (EPIMSC0402C Type)
1.0
1.9
2.0
2.2
2.4
2.7
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
8.7
Inductance
(nH)
12700
11300
11100
10800
10500
10400
7000
6800
6000
6000
4770
4800
4800
4800
4800
4800
4400
4100
SRF
(MHz Min.)
16
16
16
19
15
16
19
19
19
18
15
20
20
20
20
22
22
18
Q
(Min.)
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
Test
Frequency
(MHz)
Part
Number
EPIMSC0402C-1N0
EPIMSC0402C-1N9
EPIMSC0402C-2N0
EPIMSC0402C-2N2
EPIMSC0402C-2N4
EPIMSC0402C-2N7
EPIMSC0402C-3N3
EPIMSC0402C-3N6
EPIMSC0402C-3N9
EPIMSC0402C-4N3
EPIMSC0402C-4N7
EPIMSC0402C-5N1
EPIMSC0402C-5N6
EPIMSC0402C-6N2
EPIMSC0402C-6N8
EPIMSC0402C-7N5
EPIMSC0402C-8N2
EPIMSC0402C-8N7
0.045
0.070
0.070
0.070
0.068
0.120
0.066
0.066
0.066
0.091
0.130
0.083
0.083
0.083
0.083
0.100
0.100
0.200
DCR
(
Ω Max.)
1360
1040
1040
960
790
640
840
840
840
700
640
800
760
760
680
680
680
480
Irms
(mA Max.)
Shape and Dimension
B
D
A
J
H
E
C
G
F
I
Pad
Layout


Similar Part No. - EPIMSC1008C

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
Surface Mount Power Inductor
EPI0L3143KSP56-LF PCA-EPI0L3143KSP56-LF Datasheet
53Kb / 2P
Surface Mount Power Inductor
EPI0L3153KSP56L PCA-EPI0L3153KSP56L Datasheet
60Kb / 2P
Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
1Mb / 50P
Contents Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
Surface Mount Power Inductor
More results

Similar Description - EPIMSC1008C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
WOUND CHIP INDUCTORS
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
WOUND CHIP INDUCTORS
logo
Central Technologies
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
WOUND CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com