Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUD44D2 Datasheet(PDF) 5 Page - Motorola, Inc

Part # BUD44D2
Description  POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUD44D2 Datasheet(HTML) 5 Page - Motorola, Inc

  BUD44D2 Datasheet HTML 1Page - Motorola, Inc BUD44D2 Datasheet HTML 2Page - Motorola, Inc BUD44D2 Datasheet HTML 3Page - Motorola, Inc BUD44D2 Datasheet HTML 4Page - Motorola, Inc BUD44D2 Datasheet HTML 5Page - Motorola, Inc BUD44D2 Datasheet HTML 6Page - Motorola, Inc BUD44D2 Datasheet HTML 7Page - Motorola, Inc BUD44D2 Datasheet HTML 8Page - Motorola, Inc BUD44D2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BUD44D2
5
Motorola Bipolar Power Transistor Device Data
TYPICAL STATIC CHARACTERISTICS
Figure 7A. Base–Emitter Saturation Region
10
1
0.1
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
Figure 7B. Base–Emitter Saturation Region
10
1
0.1
10
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
1
TJ = 125°C
TJ = 25°C
TJ = – 20°C
IC/IB = 10
1
IC/IB = 5
Figure 7C. Base–Emitter Saturation Region
10
1
0.1
1
0.1
0.01
0.001
IC, COLLECTOR CURRENT (AMPS)
Figure 8. Forward Diode Voltage
10
1
0.1
10
0.1
0.01
REVERSE EMITTER–COLLECTOR CURRENT (AMPS)
125
°C
25
°C
1
IC/IB = 20
TJ = 25°C
TJ = – 20°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
TJ = – 20°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com