Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUD44D2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BUD44D2
Description  POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUD44D2 Datasheet(HTML) 2 Page - Motorola, Inc

  BUD44D2 Datasheet HTML 1Page - Motorola, Inc BUD44D2 Datasheet HTML 2Page - Motorola, Inc BUD44D2 Datasheet HTML 3Page - Motorola, Inc BUD44D2 Datasheet HTML 4Page - Motorola, Inc BUD44D2 Datasheet HTML 5Page - Motorola, Inc BUD44D2 Datasheet HTML 6Page - Motorola, Inc BUD44D2 Datasheet HTML 7Page - Motorola, Inc BUD44D2 Datasheet HTML 8Page - Motorola, Inc BUD44D2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BUD44D2
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 100 mA, L = 25 mH)
VCEO(sus)
400
470
Vdc
Collector–Base Breakdown Voltage
(ICBO = 1 mA)
VCBO
700
920
Vdc
Emitter–Base Breakdown Voltage
(IEBO = 1 mA)
VEBO
12
14.5
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, IB = 0)
@ TC = 25°C
@ TC = 125°C
ICEO
50
500
µAdc
Collector Cutoff Current (VCE = Rated VCES, VEB = 0)
Collector Cutoff Current (VCE = 500 V, VEB = 0)
@ TC = 25°C
@ TC = 125°C
@ TC = 125°C
ICES
50
500
100
µAdc
Emitter–Cutoff Current
(VEB = 10 Vdc, IC = 0)
IEBO
100
µAdc
ON CHARACTERISTICS
Base–Emitter Saturation Voltage
(IC = 0.4 Adc, IB = 40 mAdc)
@ TC = 25°C
@ TC = 125°C
VBE(sat)
0.78
0.65
0.9
0.8
Vdc
(IC = 1 Adc, IB = 0.2 Adc)
@ TC = 25°C
@ TC = 125°C
0.87
0.76
1
0.9
Collector–Emitter Saturation Voltage
(IC = 0.4 Adc, IB = 20 mAdc)
@ TC = 25°C
@ TC = 125°C
VCE(sat)
0.45
0.67
0.65
1
Vdc
(IC = 0.4 Adc, IB = 40 mAdc)
@ TC = 25°C
@ TC = 125°C
0.25
0.27
0.4
0.5
(IC = 1 Adc, IB = 0.2 Adc)
@ TC = 25°C
@ TC = 125°C
0.28
0.35
0.5
0.6
DC Current Gain
(IC = 0.4 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
hFE
20
18
32
26
—
(IC = 1 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
10
7
14
9.5
(IC = 2 Adc, VCE = 5 Vdc)
@ TC = 25°C
8
11
DIODE CHARACTERISTICS
Forward Diode Voltage
(IEC = 0.2 Adc)
@ TC = 25°C
VEC
0.8
1
V
(IEC = 0.2 Adc)
@ TC = 125°C
0.6
(IEC = 0.4 Adc)
@ TC = 25°C
0.9
1.2
(IEC = 1 Adc)
@ TC = 25°C
1.1
1.5
Forward Recovery Time (see Figure 22 bis)
(IF = 0.2 Adc, di/dt = 10 A/µs)
@ TC = 25°C
Tfr
415
ns
(IF = 0.4 Adc, di/dt = 10 A/µs)
@ TC = 25°C
390
(IF = 1 Adc, di/dt = 10 A/µs)
@ TC = 25°C
340



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com