Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-9 Datasheet(PDF) 7 Page - Vicor Corporation

Part # QPI-9
Description  Hot-Swap SiP With VI Chip EMI Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-9 Datasheet(HTML) 7 Page - Vicor Corporation

  QPI-9 Datasheet HTML 1Page - Vicor Corporation QPI-9 Datasheet HTML 2Page - Vicor Corporation QPI-9 Datasheet HTML 3Page - Vicor Corporation QPI-9 Datasheet HTML 4Page - Vicor Corporation QPI-9 Datasheet HTML 5Page - Vicor Corporation QPI-9 Datasheet HTML 6Page - Vicor Corporation QPI-9 Datasheet HTML 7Page - Vicor Corporation QPI-9 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-9 Data Sheet Rev. 1.3 Page 7 of 8
QPI-9 PCB Layout Recommendations
The filtering performance of the QPI-9 and –10 is
sensitive to capacitive coupling between its input and
output pins. Parasitic plane capacitance must be kept
below 1 pico-Farad between inputs and outputs using
the layout shown above and the recommendations
described below to achieve maximum conducted EMI
performance.
To avoid capacitive coupling between input and output
pins, there should not be any planes or large traces
that run under both input and output pins, such as a
ground plane or power plane. For example, if there
are two signal planes or large traces where one trace
runs under the input pins, and the other under the
output pins, and both planes over-lap in another area,
they will cause capacitive coupling between input and
output pins. Also, planes that run under both input
and outputs pins, but do not cross, can cause capacitive
coupling if they are capacitively by-passed together.
Figure 17 shows the recommended pcb layout on a 2
layer board. Here, the top layer planes are duplicated
on the bottom layer so that there can be no over-
lapping of input and output planes. This method can
be used for boards of greater layer count.
Figure 14 – SiP package mechanicals; LGA pad, package height
and pad location dimensions – inches.
Figure 16 – Recommended PCB receiving footprint.
Figure 17 – Recommended PCB layout on a 2 layer board
Figure 15 – Recommended PCB Receiving Pattern.
Mechanical & Layout Information
Ordering Information
Part
Number
Description
QPI-9LZ
QPI-9 LGA Package, RoHS Compliant
QPI-9LZ-01
QPI-9 LGA, RoHS Compliant
Open Frame Package
Picor lidded QP SIPs are not hermetically sealed and must
not be exposed to liquid, including but not limited to
cleaning solvents, aqueous washing solutions or
pressurized sprays.
When soldering, it is recommended that no-clean flux
solder be used, as this will insure that potentially
corrosive mobile ions will not remain on, around, or
under the module following the soldering process.
For applications requiring water wash compatibility the
“–01” open frame version should be used.
Post Solder Cleaning



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com