Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-9 Datasheet(PDF) 4 Page - Vicor Corporation

Part # QPI-9
Description  Hot-Swap SiP With VI Chip EMI Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-9 Datasheet(HTML) 4 Page - Vicor Corporation

  QPI-9 Datasheet HTML 1Page - Vicor Corporation QPI-9 Datasheet HTML 2Page - Vicor Corporation QPI-9 Datasheet HTML 3Page - Vicor Corporation QPI-9 Datasheet HTML 4Page - Vicor Corporation QPI-9 Datasheet HTML 5Page - Vicor Corporation QPI-9 Datasheet HTML 6Page - Vicor Corporation QPI-9 Datasheet HTML 7Page - Vicor Corporation QPI-9 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-9 Data Sheet Rev. 1.3 Page 4 of 8
Applications Information – Hot-Swap
The QPI-9's high-temperature rating of 6 amps provides
filtering for up to 144 W of power from a 24 V bus with
a 70°C PCB temperature. The 1.0" x1.0" x 0.2" surface
mount LGA package provides ease of manufacturing by
eliminating thru-hole assembly. The current derating
curve, shown in Figure 5, should be used when the PCB
temperature that the QPI-9 is mounted to exceeds 70°C.
The hot-swap feature is created with an internal switch
that controls the current path between BUS- and SW
pins. The state of the switch can be on, off or in a
current control mode depending on the state of the
control function.
The QPI-9 has two signal pins that can be used to
indicate the power-up status of the QPI-9. Both are
active-low when power is not good. PWRGD1 is an
open-drain that is referenced to the BUS- rail of the
QPI-9. PWRGD2 is an open-drain that is referenced to
the QPI- rail, allowing it to directly control the enable
pin of the V•I Chip converter, without any kind of
signal translation required. An example circuit of both
options can be seen in Figures 9a and 9b.
The QPI-9 is designed to have an under-voltage range
of 16 V to 18 V set point when the UVEN pin is tied
directly to the BUS+ pin. The QPI-9 becomes enabled
when the input voltage exceeds 18 V and continues to
work down to 16 V before being disabled.
The QPI-9 over-voltage range is designed to be 36 V to
38 V when the OV pin is tied directly to the BUS+ pin.
The QPI-9 remains functioning until the input voltage
surpasses 38 V, where the QPI-9 will shutdown until the
input voltage falls below 36 V.
External resistors can be added to trim the UV and OV
trip points higher. The graph in Figure 6 shows the
trimming effect for a range of external series resistors.
The equations in Figure 7 can be used to calculate the
required series resistor for increasing the
preprogrammed trip points.
Figure 8 shows a 5 ms, zero-volt BUS transient event
with a 40 W load and 4700 µF of capacitance on the
QPI-9's output. The external capacitor CE, shown in
Figures 9a and 9b, will provide the required hold-up
filtering during the transient event. This filtering will
enable the Power-good state of the QPI-9 to remain
unchanged during this transient, provided there is
enough input energy to maintain the power
converter's operation. Without this capacitor, the QPI-9
would detect an under-voltage fault and shut off its
internal pass switch. The fault would also initiate a
re-start of the hot-swap control and would require up
to 45 ms to turn back on its internal switch.
Note: When using CE in this manner, RUVEN should be used
QPI-9 Current Derating Curve
0
2
4
6
8
0
10203040
5060708090
100
PCB to QPI Interface Temperature (°C)
Figure 5 – QPI-9 current derating curve over temperature.
Figure 8 – 5 ms Transient with 40 W Load.
Figure 7 – UVEN and OV resistor equations.
UVEN
LO = 2.5 V(RUVEN + 118,700)
18700
UVEN
HI = 2.5 V + (RUVEN + 100,000)(154 µA)
OV
LO = 2.5 V + (ROV + 102,000)(350 µA)
OV
HI = 2.5 V(ROV + 109,150)
7150
UV/OV Trim
0.00
10.00
20.00
30.00
40.00
50.00
0
5000
10000
15000
20000
25000
30000
Series Resistor
OV-High
OV-Low
UV-High
UV-Low
Figure 6 – Trimming UV/OV with an external series resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com