Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7705 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MX7705 Datasheet HTML 9Page - Maxim Integrated Products MX7705 Datasheet HTML 10Page - Maxim Integrated Products MX7705 Datasheet HTML 11Page - Maxim Integrated Products MX7705 Datasheet HTML 12Page - Maxim Integrated Products MX7705 Datasheet HTML 13Page - Maxim Integrated Products MX7705 Datasheet HTML 14Page - Maxim Integrated Products MX7705 Datasheet HTML 15Page - Maxim Integrated Products MX7705 Datasheet HTML 16Page - Maxim Integrated Products MX7705 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
______________________________________________________________________________________
13
SUPPLY CURRENT vs. SUPPLY VOLTAGE (3V)
SUPPLY VOLTAGE (V)
3.45
3.30
3.15
3.00
2.85
0.3
0.4
0.5
A
A: BUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 8 TO 128
B: BUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 1 TO 4
E: UNBUFFERED MODE
fCLKIN = 1MHz,
GAIN = 1 TO 128
C: BUFFERED MODE
fCLKIN = 1MHz,
GAIN = 1 TO 128
D: UNBUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 1 TO 128
B
E
D
C
0.6
0.2
2.70
3.60
VDD = 3V
5.15
5.05
4.95
4.85
0.35
0.45
0.55
0.65
0.25
4.75
5.25
SUPPLY CURRENT vs. SUPPLY VOLTAGE (5V)
SUPPLY VOLTAGE (V)
A
A: BUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 8 TO 128
B: BUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 1 TO 4
E: UNBUFFERED MODE
fCLKIN = 1MHz,
GAIN = 1 TO 128
C: BUFFERED MODE
fCLKIN = 1MHz,
GAIN = 1 TO 128
D: UNBUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 1 TO 128
B
E
D
C
VDD = 5V
60
35
10
-15
0.3
0.4
0.5
0.6
0.2
-40
85
SUPPLY CURRENT vs. TEMPERATURE (3V)
TEMPERATURE (
°C)
A
A: BUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 8 TO 128
B: BUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 1 TO 4
E: UNBUFFERED MODE
fCLKIN = 1MHz,
GAIN = 1 TO 128
C: BUFFERED MODE
fCLKIN = 1MHz,
GAIN = 1 TO 128
D: UNBUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 1 TO 128
B
E
D
C
VDD = 3V
60
35
10
-15
0.35
0.45
0.55
0.65
0.25
-40
85
SUPPLY CURRENT vs. TEMPERATURE (5V)
TEMPERATURE (
°C)
A
A: BUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 8 TO 128
B: BUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 1 TO 4
E: UNBUFFERED MODE
fCLKIN = 1MHz,
GAIN = 1 TO 128
C: BUFFERED MODE
fCLKIN = 1MHz,
GAIN = 1 TO 128
D: UNBUFFERED MODE
fCLKIN = 2.4576MHz,
GAIN = 1 TO 128
B
E
D
C
VDD = 5V
Typical Operating Characteristics (continued)
(VDD = 3V or 5V, VREF+ = 1.225V for VDD = 3V, VREF+ = 2.5V for VDD = 5V, VREF- = GND, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com