Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7705 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX7705 Datasheet HTML 1Page - Maxim Integrated Products MX7705 Datasheet HTML 2Page - Maxim Integrated Products MX7705 Datasheet HTML 3Page - Maxim Integrated Products MX7705 Datasheet HTML 4Page - Maxim Integrated Products MX7705 Datasheet HTML 5Page - Maxim Integrated Products MX7705 Datasheet HTML 6Page - Maxim Integrated Products MX7705 Datasheet HTML 7Page - Maxim Integrated Products MX7705 Datasheet HTML 8Page - Maxim Integrated Products MX7705 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN =
2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1µF, CREF- to GND = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
All Other Pins to GND.................................-0.3V to (VDD + 0.3V)
Maximum Current Input into Any Pin ..................................50mA
Continuous Power Dissipation (TA = +70
°C)
PDIP (derate 10.5mW/
°C above +70°C)......................842mW
TSSOP (derate 9.4mW/
°C above +70°C) ....................755mW
Wide SO (derate 9.5mW/
°C above +70°C)..................762mW
Operating Temperature Range ..........................-40
°C to +85°C
Storage Temperature Range .............................-60
°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution (No Missing Codes)
16
Bits
Output Noise
Tables 1, 3
µV
Integral Nonlinearity
INL
Gain = 1, unbuffered
±0.003
%FSR
Unipolar Offset Error
After calibration
(Note 1)
µV
Unipolar Offset Drift
(Note 2)
0.5
µV/°C
Bipolar Zero Error
After calibration
(Note 1)
µV
Gain = 1 to 4
0.5
Bipolar Zero Drift (Note 2)
Gain = 8 to 128
0.1
µV/°C
Positive Full-Scale Error
After calibration
(Notes 1, 3)
µV
Full-Scale Drift
(Notes 2, 4)
0.5
µV/°C
Gain Error
After calibration
(Notes 1, 5)
µV
Gain Drift
(Notes 2, 6)
0.5
ppm of
FSR/°C
Bipolar Negative Full-Scale Error
After calibration
±0.003
%FSR
Gain = 1 to 4
1
Bipolar Negative Full-Scale Drift
(Note 2)
Gain = 8 to 128
0.6
µV/°C
ANALOG INPUTS (AIN1+, AIN1-, AIN2+, AIN2-)
Unipolar input range
0
VREF /
GAIN
AIN Differential Input Voltage
Range (Note 7)
Bipolar input range
-VREF /
GAIN
VREF /
GAIN
V
Unbuffered
GND -
30mV
VDD +
30mV
AIN Absolute Input Voltage
Range (Note 8)
Buffered
GND +
50mV
VDD -
1.5V
V
AIN DC Leakage Current
Unselected input channel
1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com