Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC120 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 9Page - Semtech Corporation SC120 Datasheet HTML 10Page - Semtech Corporation SC120 Datasheet HTML 11Page - Semtech Corporation SC120 Datasheet HTML 12Page - Semtech Corporation SC120 Datasheet HTML 13Page - Semtech Corporation SC120 Datasheet HTML 14Page - Semtech Corporation SC120 Datasheet HTML 15Page - Semtech Corporation SC120 Datasheet HTML 16Page - Semtech Corporation SC120 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PRELIMINARY
SC120
13
Detailed Description
The SC120 is a synchronous step-up Pulse Width
Modulated (PWM) DC-DC converter utilizing a 1.2MHz
fixed frequency current mode architecture. It is designed
to provide output voltages in the range 1.8V to 4.0V from
an input voltage as low as 0.7V, with a (output unloaded)
start up input voltage of 0.85V.
The device operates in two modes: PWM and automatic
PSAVE mode. In PWM operation, the devices uses pulse
width modulation control to regulate the output under
moderate to heavy load conditions. It switches to PSAVE
mode when lightly loaded. Quiescent current consump-
tion is as little as 50μA, into the OUT pin, when in PSAVE
mode.
The regulator control circuitry is shown in the Block
Diagram. It is comprised of a programmable feedback
controller, an internal 1.2MHz oscillator, an n-
channel Field Effect Transistor (FET) between the LX and
GND pins, and a p-channel FET between the LX and OUT
pins. The current flowing through both FETs is monitored
and limited as required for startup, PWM operation, and
PSAVE operation. An external inductor must be connected
between the IN pin and the LX pin. When the n-channel
FET is turned on, the LX pin is internally grounded, con-
necting the inductor between IN and GND. This is called
the on-state. During the on-state, inductor current flows
to ground and is increasing. When the n-channel FET is
turned off and the p-channel FET is turned on (known as
the off-state), the inductor is then connected between IN
and OUT. The (now decreasing) inductor current flows
from the input to the output, boosting the output voltage
above the input voltage.
Output Voltage Selection
The SC120 output voltage can be programmed to an
internally preset value or it can be programmed with
external resistors. The output is internally programmed to
3.3V when the FB pin is connected to GND. Any output
voltage in the range 1.8V to 4.0V can be programmed with
a resistor voltage divider between OUT and the FB pin as
shown in Figure 1.
LX
OUT
FB
R1
R2
CFB
(optional)
Figure 1 — Output Voltage Feedback Circuit
The values of the resistors in the voltage divider network
are chosen to satisfy the equation:
2
1
FB
OUT
R
R
1
V
V
The value of R
2
should be 590kΩ or larger for stability.
Otherwise, the values of R
1
and R
2
can be as large as
desired to achieve low quiescent current.
PWM Operation
The PWM cycle runs at a fixed frequency (f
osc
= 1.2MHz),
with a variable duty cycle (D). PWM operation continu-
ally draws current from the input supply (except for dis-
continuous mode, described below). During the on-state,
of the PWM cycle, the n-channel FET is turned on, ground-
ing the inductor at the LX pin. This causes the current
flowing from the input supply through the inductor to
ground to ramp up. During the off-state, the n-channel
FET is turned off and the p-channel FET (synchronous
rectifier) is turned on. This causes the inductor current to
flow from the input supply through the inductor into the
output capacitor and load, boosting the output voltage
above the input voltage. The cycle then repeats to re-
energize the inductor.
Ideally, the steady state (constant load) duty cycle is
determined by D = 1 – (V
IN
/V
OUT
), but must be greater in
practice to overcome dissipative losses. The SC120 PWM
controller constrains the value of D such that 0.15 < D < 0.9,
(approximately).
The average inductor current during the off-state multi-
plied by (1-D) is equal to the average load current. The
inductor current is alternately ramping up (on-state) and
down (off-state) at a rate and amplitude determined by
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com