Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC441A
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441A Datasheet(HTML) 1 Page - Semtech Corporation

  SC441A Datasheet HTML 1Page - Semtech Corporation SC441A Datasheet HTML 2Page - Semtech Corporation SC441A Datasheet HTML 3Page - Semtech Corporation SC441A Datasheet HTML 4Page - Semtech Corporation SC441A Datasheet HTML 5Page - Semtech Corporation SC441A Datasheet HTML 6Page - Semtech Corporation SC441A Datasheet HTML 7Page - Semtech Corporation SC441A Datasheet HTML 8Page - Semtech Corporation SC441A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Efficiency Integrated Driver for
4-Strings of 150mA LEDs
SC441A
POWER MANAGEMENT
July 23, 2009

www.semtech.com
Features
Applications
Description
Wide input voltage range from 4.5V to 2V
36V maximum output voltage
Drives up to 40 WLEDs in 4 strings
Programmable LED current for up to 150mA per
string
+/- 2% string-to-string current matching
Up to 90% efficiency
Wide 0.2% to 00% PWM dimming range
Possible analog dimming
Integrated 2.5A power switch
700KHz switching frequency for small size
Adjustable OVP for cost-effective output cap selection
Open/short LED protection
Thermal protection with auto-recovery
Thermally enhanced TSSOP-20 EDP package
Fully WEEE and RoHS compliant
Medium-sized LCD panel
Notebook Display
Automotive Car Navigation Display
Sub-Notebook and Tablet Computer Displays
Portable Media Players
The SC44A is a high-efficiency multiple string WLED driv-
er with an integrated boost converter. It operates over a
wide input range from 4.5V to 2V with a maximum out-
put voltage of 36V and a 2.5A internal power switch. It
can drive up to forty WLEDs in 4 strings with current up
to 50mA per string. The string-to-string current match-
ing is 2% typical, 3% maximum. The overall efficiency is
greater than 90% due to the low current sense voltage
and a low-impedance internal power switch. The wide
PWM dimming range boasts a ratio of 500: .
The 700KHz switching frequency enables the user to op-
timize the external component sizes for efficiency. When
there are fewer than 0 LEDs in each string, users can ad-
just the output voltage protection yielding an allowable
reduction in associated costs, size and voltage ratings of
the output capacitor.
The SC44A also features comprehensive open and short-
circuit LED protection functions. It disables the corre-
sponding strings with LED open or LED short conditions
while maintaining normal operation of other, unaffected
LED strings. This feature allows LCD panels to remain view-
able even under LED failure, wire disconnect, or short-cir-
cuit conditions. The internal thermal shutdown protects
the IC from overheating at abnormal conditions.
The SC44A is available in a thermally-enhanced TSSOP-
20 EDP package.
Typical Application Circuit
1
4
VOUT
SS
PGND
IOSET
IO1-4
COMP
OVPIN
AGND
VIN
SW
PWM
EN
OVPRTN
SW
FFLAG
PGND
IOGND
SC441A
4 Strings
1
10
Vin (4.5V -21V)
2
EDP
PGND
IOSET
IO1- 4
COMP
SS
AGND
VOUT
OVPIN


Similar Part No. - SC441A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC441A SEMTECH-SC441A Datasheet
241Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A_10 Datasheet
241Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results

Similar Description - SC441A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC441A SEMTECH-SC441A_10 Datasheet
241Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441C SEMTECH-SC441C Datasheet
51Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC443 SEMTECH-SC443 Datasheet
224Kb / 1P
High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
SC446 SEMTECH-SC446 Datasheet
48Kb / 1P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
SC441D SEMTECH-SC441D Datasheet
1Mb / 21P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC445 SEMTECH-SC445 Datasheet
320Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
logo
Samtec, Inc
SC446TETRT SAMTEC-SC446TETRT Datasheet
956Kb / 19P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Semtech Corporation
SC441TETRT SEMTECH-SC441TETRT Datasheet
88Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com