Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC441A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC441A
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441A Datasheet(HTML) 2 Page - Semtech Corporation

  SC441A Datasheet HTML 1Page - Semtech Corporation SC441A Datasheet HTML 2Page - Semtech Corporation SC441A Datasheet HTML 3Page - Semtech Corporation SC441A Datasheet HTML 4Page - Semtech Corporation SC441A Datasheet HTML 5Page - Semtech Corporation SC441A Datasheet HTML 6Page - Semtech Corporation SC441A Datasheet HTML 7Page - Semtech Corporation SC441A Datasheet HTML 8Page - Semtech Corporation SC441A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SC441A
2
© 2009 Semtech Corporation
www.semtech.com
Pin Configuration
Ordering Information
Marking Information
Notes:
() Available in tape and reel only. A reel contains 2,500 devices.
(2) Available in lead-free package only. Device is WEEE and RoHS
compliant.
(TSSOP-20 EDP)
θ
JA = 39º C/W
Device
Package
SC44ATETRT (1,2)
TSSOP-20 EDP
SC44AEVB
Evaluation Board
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
IO2
IO4
PGND
IO1
IO3
EN
SS
AGND
COMP
IOGND
FFLAG
VIN
VOUT
IOSET
PWM
OVPRTN
PGND
SW
OVPIN
SW
1
11
20
10
SC44A : Part Number
yyww = Date (Example: 0952)
xxxxxx = Semtech Lot# (Example: A94A0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com