Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC628AEVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC628AEVB
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628AEVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC628AEVB Datasheet HTML 13Page - Semtech Corporation SC628AEVB Datasheet HTML 14Page - Semtech Corporation SC628AEVB Datasheet HTML 15Page - Semtech Corporation SC628AEVB Datasheet HTML 16Page - Semtech Corporation SC628AEVB Datasheet HTML 17Page - Semtech Corporation SC628AEVB Datasheet HTML 18Page - Semtech Corporation SC628AEVB Datasheet HTML 19Page - Semtech Corporation SC628AEVB Datasheet HTML 20Page - Semtech Corporation SC628AEVB Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
SC628A
17
Register and Bit Definitions (continued)
Table 2 — Spotlight Current Codes(1)
Data Bits for Register 02h
Spotlight Current
8 Bit Word
D7
D6
D5
D4
D3
D2
D1
D0
I
FL (mA)
Hex
x(2)
x(2)
0(3)
0(4)
0000
OFF
00h
01
0(3)
0(4)
0010
25
42h
11
0(3)
0(4)
0010
37.5
C2h
00
0(3)
0(4)
0010
50
02h
01
0(3)
0(4)
0110
75
46h
00
0(3)
0(4)
0100
100
04h
11
0(3)
0(4)
0110
112.5
C6h
01
0(3)
0(4)
1010
125
4Ah
00
0(3)
0(4)
0110
150
06h
01
0(3)
0(4)
1110
175
4Eh
11
0(3)
0(4)
1010
187.5
CAh
00
0(3)
0(4)
1000
200
08h
01
0(3)
0(4)
0101
225
45h
01
0(3)
0(4)
0111
250
47h
11
0(3)
0(4)
1110
262.5
CEh
01
0(3)
0(4)
1001
275
49h
Notes:
(1) Use only the data values shown in Table 2 for spotlight function.
(2) Either 1 or 0.
(3) Always write a 0 to this bit.
(4) Write a 0 to reset the FLTO bit for spotlight mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com