Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC628AEVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC628AEVB
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628AEVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC628AEVB Datasheet HTML 13Page - Semtech Corporation SC628AEVB Datasheet HTML 14Page - Semtech Corporation SC628AEVB Datasheet HTML 15Page - Semtech Corporation SC628AEVB Datasheet HTML 16Page - Semtech Corporation SC628AEVB Datasheet HTML 17Page - Semtech Corporation SC628AEVB Datasheet HTML 18Page - Semtech Corporation SC628AEVB Datasheet HTML 19Page - Semtech Corporation SC628AEVB Datasheet HTML 20Page - Semtech Corporation SC628AEVB Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
SC628A
19
Serial Interface (continued)
I2C Direct Format Write
Slave Address
Register Address
Data
SW A
A
A
P
S – Start Condition
W – Write = ‘0’
A – Acknowledge (sent by slave)
P – Stop condition
Slave Address – 7-bit
Register address – 8-bit
Data – 8-bit
I2C Stop Separated Format Read
Slave Address
Register Address
Slave Address B
Data
NACK
S
W A
A
S/Sr
R A
P
P
Slave Address
S
Register Address Setup Access
Master Addresses
other Slaves
Register Read Access
S – Start Condition
W – Write = ‘0’
R – Read = ‘1’
A – Acknowledge (sent by slave)
NAK – Non-Acknowledge (sent by master)
Sr – Repeated Start condition
P – Stop condition
Slave Address – 7-bit
Register address – 8-bit
Data – 8-bit
I2C Combined Format Read
Slave Address
Register Address
Slave Address
Data
NACK
S
WA
A Sr
R
A
P
S – Start Condition
W – Write = ‘0’
R – Read = ‘1’
A – Acknowledge (sent by slave)
NAK – Non-Acknowledge (sent by master)
Sr – Repeated Start condition
P – Stop condition
Slave Address – 7-bit
Register address – 8-bit
Data – 8-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com