Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49S2 Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # 49S2
Description  CRYSTAL RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

49S2 Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  49S2 Datasheet HTML 1Page - Shoulder Electronics Limited. 49S2 Datasheet HTML 2Page - Shoulder Electronics Limited. 49S2 Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Http://www.shoulder.cn
SHOULDER ELECTRONICS CO., LTD.
SHOULDER ELECTRONICS CO., LTD.
CRYSTAL RESONATOR Data Sheet
PRODUCT 产 品:
CRYSTAL RESONATOR
MODEL NO 型 号:
49S
49S2
PREPARED 编 制:
Fengyu
CHECKED 审 核:
York
APPROVED 批 准:
DATE
日 期: 2007-01-25


Similar Part No. - 49S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49S2-SMD ETC2-49S2-SMD Datasheet
163Kb / 5P
CRYSTAL
logo
Shoulder Electronics Li...
49S2-SMD SHOULDER-49S2-SMD Datasheet
89Kb / 3P
CRYSTAL RESONATOR
More results

Similar Description - 49S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM206 ETC2-FM206 Datasheet
135Kb / 1P
QUARTZ CRYSTAL RESONATOR
logo
Shoulder Electronics Li...
TF38 SHOULDER-TF38 Datasheet
101Kb / 2P
CRYSTAL RESONATOR
TF26 SHOULDER-TF26 Datasheet
181Kb / 2P
CRYSTAL RESONATOR
49U SHOULDER-49U Datasheet
86Kb / 3P
CRYSTAL RESONATOR
ZM206 SHOULDER-ZM206 Datasheet
170Kb / 4P
CRYSTAL RESONATOR
ZM309 SHOULDER-ZM309 Datasheet
82Kb / 4P
CRYSTAL RESONATOR
SMD0705 SHOULDER-SMD0705 Datasheet
94Kb / 3P
CRYSTAL RESONATOR
SMD0503 SHOULDER-SMD0503 Datasheet
217Kb / 5P
CRYSTAL RESONATOR
49S-SMD SHOULDER-49S-SMD Datasheet
89Kb / 3P
CRYSTAL RESONATOR
logo
AEL Crystals Ltd
HC51U AEL-HC51U Datasheet
58Kb / 1P
Crystal Resonator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com