Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3011 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3011
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3011 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3011 Datasheet HTML 7Page - Cirrus Logic CS3011 Datasheet HTML 8Page - Cirrus Logic CS3011 Datasheet HTML 9Page - Cirrus Logic CS3011 Datasheet HTML 10Page - Cirrus Logic CS3011 Datasheet HTML 11Page - Cirrus Logic CS3011 Datasheet HTML 12Page - Cirrus Logic CS3011 Datasheet HTML 13Page - Cirrus Logic CS3011 Datasheet HTML 14Page - Cirrus Logic CS3011 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CS3011
CS3012
DS597F6
11
The feedback capacitor C2 is required for closed-
loop gains greater than 50 V/V. The capacitor intro-
duces a pole and a zero in th e loop gain transfer
function.
This indicates that the sep aration of the pole and
the zero is governed by the closed loop gain. It is
required that th e ze ro falls o n the steep slo pe
(–100 dB/decade) of the loop ga in plot so that
there is some gain higher than 0 dB (typically 20
dB) at the ha nd-over frequency (the frequ ency at
which the slope changes from – 100 dB/decade to
–20 dB/decade).
50 pF
50 pF
R1
R2
Vin
Vo
C2
Cin
Cin
Choose C2 so that R2 • C2 ≥ ?R1 • Cin
Figure 16. Non-Inverting Gain Configuration with Compensation
T
1
s
z
1
-----
+


–
1
s
p
1
-----
+


-----------------------A
ol
=
P
1
1
2
π R
1
R
2
||
()C
2
-------------------------------------
1
2
π R
1C2
()
-------------------------
≅
=for
R
2
R
1
»
Z
1
1
2
π AR
1
×
()C
2
-----------------------------------
=where
A
R
2
R
1
------
=
Z
1
1
2
π R
2
()C
2
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com