Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3011 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS3011
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3011 Datasheet(HTML) 4 Page - Cirrus Logic

  CS3011 Datasheet HTML 1Page - Cirrus Logic CS3011 Datasheet HTML 2Page - Cirrus Logic CS3011 Datasheet HTML 3Page - Cirrus Logic CS3011 Datasheet HTML 4Page - Cirrus Logic CS3011 Datasheet HTML 5Page - Cirrus Logic CS3011 Datasheet HTML 6Page - Cirrus Logic CS3011 Datasheet HTML 7Page - Cirrus Logic CS3011 Datasheet HTML 8Page - Cirrus Logic CS3011 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CS3011
CS3012
4
DS597F6
ABSOLUTE MAXIMUM RATINGS
2. TYPICAL PERFORMANCE PLOTS
Parameter
Min T
yp
Max
Unit
Supply Voltage
[(V+) - (V-)]
6.8
V
Input Voltage
V- -0.3
V+ +0.3
V
Storage Temperature Range
-65
+150
ºC
1
10
100
0.001
0.010
0.1
1
10
Frequency (Hz)
Figure 1. Noise vs. Frequency (Measured)
Figure 3. 0.01 Hz to 10 Hz Noise
-200
-150
-100
-50
0
50
100
150
200
TIME (Sec)
TIME (Sec)
01
2
3
4
5
6
7
8
9 10
Temperature (°C)
2.7 V
6.7 V
5V
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
406080
Figure 5. Supply Current vs. Temperature, CS3011
1
10
100
1000
10
100
1000
10000
100000 100000
0
1E+07
Freq u en c y
Figure 2. Noise vs. Frequency
10
100
1k
1
10
100
1k
10k
Frequency
100k
1M
10M
Figure 4. Offset Voltage Stability (DC to 3.2 Hz)
-100
-75
-50
-25
0
25
50
75
100
TIME(1HR)
σ = 13 nV
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
-40
-20
0
2040
6080
Temperature (°C)
2.7 V
6.7 V
Figure 6. Supply Current vs. Temperature, CS3012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com